Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 146Page - STMicroelectronics ST10F276E Datasheet HTML 147Page - STMicroelectronics ST10F276E Datasheet HTML 148Page - STMicroelectronics ST10F276E Datasheet HTML 149Page - STMicroelectronics ST10F276E Datasheet HTML 150Page - STMicroelectronics ST10F276E Datasheet HTML 151Page - STMicroelectronics ST10F276E Datasheet HTML 152Page - STMicroelectronics ST10F276E Datasheet HTML 153Page - STMicroelectronics ST10F276E Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 235 page
background image
Register set
ST10F276E
150/235
Doc ID 12303 Rev 3
T5
FE46h
23h
GPT2 timer 5 register
0000h
T6
FE48h
24h
GPT2 timer 6 register
0000h
CAPREL
FE4Ah
25h
GPT2 capture/reload register
0000h
T0
FE50h
28h
CAPCOM timer 0 register
0000h
T1
FE52h
29h
CAPCOM timer 1 register
0000h
T0REL
FE54h
2Ah
CAPCOM timer 0 reload register
0000h
T1REL
FE56h
2Bh
CAPCOM timer 1 reload register
0000h
MAL
FE5Ch
2Eh
MAC unit accumulator - Low word
0000h
MAH
FE5Eh
2Fh
MAC unit accumulator - High word
0000h
CC16
FE60h
30h
CAPCOM register 16
0000h
CC17
FE62h
31h
CAPCOM register 17
0000h
CC18
FE64h
32h
CAPCOM register 18
0000h
CC19
FE66h
33h
CAPCOM register 19
0000h
CC20
FE68h
34h
CAPCOM register 20
0000h
CC21
FE6Ah
35h
CAPCOM register 21
0000h
CC22
FE6Ch
36h
CAPCOM register 22
0000h
CC23
FE6Eh
37h
CAPCOM register 23
0000h
CC24
FE70h
38h
CAPCOM register 24
0000h
CC25
FE72h
39h
CAPCOM register 25
0000h
CC26
FE74h
3Ah
CAPCOM register 26
0000h
CC27
FE76h
3Bh
CAPCOM register 27
0000h
CC28
FE78h
3Ch
CAPCOM register 28
0000h
CC29
FE7Ah
3Dh
CAPCOM register 29
0000h
CC30
FE7Ch
3Eh
CAPCOM register 30
0000h
CC31
FE7Eh
3Fh
CAPCOM register 31
0000h
CC0
FE80h
40h
CAPCOM register 0
0000h
CC1
FE82h
41h
CAPCOM register 1
0000h
CC2
FE84h
42h
CAPCOM register 2
0000h
CC3
FE86h
43h
CAPCOM register 3
0000h
CC4
FE88h
44h
CAPCOM register 4
0000h
CC5
FE8Ah
45h
CAPCOM register 5
0000h
CC6
FE8Ch
46h
CAPCOM register 6
0000h
CC7
FE8Eh
47h
CAPCOM register 7
0000h
Table 68.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
addres
s
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com