Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 148Page - STMicroelectronics ST10F276E Datasheet HTML 149Page - STMicroelectronics ST10F276E Datasheet HTML 150Page - STMicroelectronics ST10F276E Datasheet HTML 151Page - STMicroelectronics ST10F276E Datasheet HTML 152Page - STMicroelectronics ST10F276E Datasheet HTML 153Page - STMicroelectronics ST10F276E Datasheet HTML 154Page - STMicroelectronics ST10F276E Datasheet HTML 155Page - STMicroelectronics ST10F276E Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 235 page
background image
Register set
ST10F276E
152/235
Doc ID 12303 Rev 3
BUSCON2 b
FF16h
8Bh
Bus configuration register 2
0000h
BUSCON3 b
FF18h
8Ch
Bus configuration register 3
0000h
BUSCON4 b
FF1Ah
8Dh
Bus configuration register 4
0000h
ZEROS b
FF1Ch
8Eh
Constant value 0’s register (read-only)
0000h
ONES b
FF1Eh
8Fh
Constant value 1’s register (read-only)
FFFFh
T78CON b
FF20h
90h
CAPCOM timer 7 and 8 control register
0000h
CCM4 b
FF22h
91h
CAPCOM mode control register 4
0000h
CCM5 b
FF24h
92h
CAPCOM mode control register 5
0000h
CCM6 b
FF26h
93h
CAPCOM mode control register 6
0000h
CCM7 b
FF28h
94h
CAPCOM mode control register 7
0000h
PWMCON0 b FF30h
98h
PWM module control register 0
0000h
PWMCON1 b FF32h
99h
PWM module control register 1
0000h
T2CON b
FF40h
A0h
GPT1 timer 2 control register
0000h
T3CON b
FF42h
A1h
GPT1 timer 3 control register
0000h
T4CON b
FF44h
A2h
GPT1 timer 4 control register
0000h
T5CON b
FF46h
A3h
GPT2 timer 5 control register
0000h
T6CON b
FF48h
A4h
GPT2 timer 6 control register
0000h
T01CON b
FF50h
A8h
CAPCOM timer 0 and timer 1 control register
0000h
CCM0 b
FF52h
A9h
CAPCOM mode control register 0
0000h
CCM1 b
FF54h
AAh
CAPCOM mode control register 1
0000h
CCM2 b
FF56h
ABh
CAPCOM mode control register 2
0000h
CCM3 b
FF58h
ACh
CAPCOM mode control register 3
0000h
T2IC b
FF60h
B0h
GPT1 timer 2 interrupt control register
- - 00h
T3IC b
FF62h
B1h
GPT1 timer 3 interrupt control register
- - 00h
T4IC b
FF64h
B2h
GPT1 timer 4 interrupt control register
- - 00h
T5IC b
FF66h
B3h
GPT2 timer 5 interrupt control register
- - 00h
T6IC b
FF68h
B4h
GPT2 timer 6 interrupt control register
- - 00h
CRIC b
FF6Ah
B5h
GPT2 CAPREL interrupt control register
- - 00h
S0TIC b
FF6Ch
B6h
Serial channel 0 transmit interrupt control register
- - 00h
S0RIC b
FF6Eh
B7h
Serial channel 0 receive interrupt control register
- - 00h
S0EIC b
FF70h
B8h
Serial channel 0 error interrupt control register
- - 00h
SSCTIC b
FF72h
B9h
SSC transmit interrupt control register
- - 00h
SSCRIC b
FF74h
BAh
SSC receive interrupt control register
- - 00h
Table 68.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
addres
s
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com