Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 177Page - STMicroelectronics ST10F276E Datasheet HTML 178Page - STMicroelectronics ST10F276E Datasheet HTML 179Page - STMicroelectronics ST10F276E Datasheet HTML 180Page - STMicroelectronics ST10F276E Datasheet HTML 181Page - STMicroelectronics ST10F276E Datasheet HTML 182Page - STMicroelectronics ST10F276E Datasheet HTML 183Page - STMicroelectronics ST10F276E Datasheet HTML 184Page - STMicroelectronics ST10F276E Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 235 page
background image
ST10F276E
Electrical characteristics
Doc ID 12303 Rev 3
181/235
VHYS CC
Input hysteresis (TTL mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
3)
400
700
mV
VHYSSCC
Input Hysteresis (CMOS mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
3)
750
1400
mV
VHYS1CC Input hysteresis RSTIN, EA, NMI
3)
750
1400
mV
VHYS2CC Input hysteresis XTAL1
3)
0
50
mV
VHYS3CC Input hysteresis READY (TTL only)
3)
400
700
mV
VHYS4CC Input hysteresis RPD
3)
500
1500
mV
VOL
CC
Output low voltage
(P6[7:0], ALE, RD, WR/WRL, BHE/WRH,
CLKOUT, RSTIN, RSTOUT)
IOL = 8 mA
IOL = 1 mA
-
0.4
0.05
V
VOL1 CC
Output low voltage
(P0[15:0], P1[15:0], P2[15:0], P3[15,13:0],
P4[7:0], P7[7:0], P8[7:0])
IOL1 = 4 mA
IOL1 = 0.5 mA
-
0.4
0.05
V
VOL2 CC Output low voltage RPD
IOL2 = 85 µA
IOL2 = 80 µA
IOL2 = 60 µA
-
VDD
0.5 VDD
0.3 VDD
V
VOH
CC
Output high voltage
(P6[7:0], ALE, RD, WR/WRL, BHE/WRH,
CLKOUT, RSTOUT)
IOH = - 8 mA
IOH = - 1 mA
VDD - 0.8
VDD - 0.08
-V
VOH1 CC
Output high voltage(1)
(P0[15:0], P1[15:0], P2[15:0], P3[15,13:0],
P4[7:0], P7[7:0], P8[7:0])
IOH1 = - 4 mA
IOH1 = - 0.5 mA
VDD - 0.8
VDD - 0.08
-V
VOH2 CC Output high voltage RPD
IOH2 = - 2 mA
IOH2 = - 750 µA
IOH2 = - 150 µA
0
0.3 VDD
0.5 VDD
-V
|IOZ1 | CC Input leakage current (P5[15:0])
(2)
--
±0.2
µA
|IOZ2 | CC
Input leakage current
(all except P5[15:0], P2.0, RPD)
--
±0.5
µA
|IOZ3 | CC Input leakage current (P2.0)
(3)
--
+1.0
-0.5
µA
|IOZ4 | CC Input leakage current (RPD)
-
-
±3.0
µA
|IOV1 | SR Overload current (all except P2.0)
(4) (5)
-±5
mA
|IOV2 | SR Overload current (P2.0)
(3)
(4)(5)
-
+5
-1
mA
RRST CC RSTIN pull-up resistor
100 k
Ω nominal
50
250
k
Ω
IRWH
Read/Write inactive current(6)(7)
VOUT = 2.4 V
-
-40
µA
IRWL
Read/Write active current(6)(8)
VOUT = 0.4V
-500
-
µA
IALEL
ALE inactive current(6)(7)
VOUT = 0.4V
20
-
µA
Table 90.
DC characteristics (continued)
Symbol
Parameter
Test condition
Limit values
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com