Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 178Page - STMicroelectronics ST10F276E Datasheet HTML 179Page - STMicroelectronics ST10F276E Datasheet HTML 180Page - STMicroelectronics ST10F276E Datasheet HTML 181Page - STMicroelectronics ST10F276E Datasheet HTML 182Page - STMicroelectronics ST10F276E Datasheet HTML 183Page - STMicroelectronics ST10F276E Datasheet HTML 184Page - STMicroelectronics ST10F276E Datasheet HTML 185Page - STMicroelectronics ST10F276E Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 235 page
background image
Electrical characteristics
ST10F276E
182/235
Doc ID 12303 Rev 3
IALEH
ALE active current(6)(8)
VOUT = 2.4 V
-
300
µA
IP6H
Port 6 inactive current
(P6[4:0])(6)(7)
VOUT = 2.4 V
-
-40
µA
IP6L
Port 6 active current (P6[4:0])(6)(8)
VOUT = 0.4V
-500
-
µA
IP0H
(6)
PORT0 configuration current(6)
VIN = 2.0V
-
-10
µA
IP0L
(7)
VIN = 0.8V
-100
-
µA
CIO
CC
Pin capacitance (digital inputs / outputs)
(4)(6)
-10
pF
ICC1
Run mode power supply current(9)
(execution from internal RAM)
--
20 + 2 fCPU
mA
ICC2
Run mode power supply current(4)(10)
(execution from internal Flash)
-
-
20 + 1.8 fCPU mA
IID
Idle mode supply current (11)
-
-
20 + 0.6 fCPU mA
IPD1
Power Down supply current (12)
(RTC off, oscillators off, main voltage
regulator off)
TA = 25°C
-
1
mA
IPD2
Power Down supply current (12)
(RTC on, main oscillator on, main voltage
regulator off)
TA = 25°C
-
8
mA
IPD3
Power down supply current (12)
(RTC on, 32 kHz oscillator on, main voltage
regulator off)
TA = 25°C
-
1.1
mA
ISB1
Stand-by supply current (12)
(RTC off, Oscillators off, VDD off, VSTBY on)
VSTBY = 5.5V
TA = TJ = 25°C
-
250
µA
VSTBY = 5.5V
TA = TJ = 125°C
-
500
µA
ISB2
Stand-by supply current (12)
(RTC on, 32 kHz Oscillator on, main VDD off,
VSTBY on)
VSTBY = 5.5V
TA = 25°C
-
250
µA
VSTBY = 5.5V
TA = 125°C
-
500
µA
ISB3
Stand-by supply current (4) (12)
(VDD transient condition)
--
2.5
mA
1.
This specification is not valid for outputs which are switched to open drain mode. In this case the respective output floats
and the voltage is imposed by the external circuitry.
2.
Port 5 leakage values are granted for not selected A/D converter channel. One channels is always selected (by default,
after reset, P5.0 is selected). For the selected channel the leakage value is similar to that of other port pins.
3.
The leakage of P2.0 is higher than other pins due to the additional logic (pass gates active only in specific test modes)
implemented on input path. Pay attention to not stress P2.0 input pin with negative overload beyond the specified limits:
Failures in Flash reading may occur (sense amplifier perturbation). Refer to Figure 44 for a scheme of the input circuitry.
4.
Not 100% tested, guaranteed by design characterization.
5.
Overload conditions occur if the standard operating conditions are exceeded, that is, the voltage on any pin exceeds the
specified range (that is, VOV > VDD + 0.3V or VOV < -0.3V). The absolute sum of input overload currents on all port pins may
not exceed 50mA. The supply voltage must remain within the specified limits.
Table 90.
DC characteristics (continued)
Symbol
Parameter
Test condition
Limit values
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com