Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 214 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 214 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 210Page - STMicroelectronics ST10F276E Datasheet HTML 211Page - STMicroelectronics ST10F276E Datasheet HTML 212Page - STMicroelectronics ST10F276E Datasheet HTML 213Page - STMicroelectronics ST10F276E Datasheet HTML 214Page - STMicroelectronics ST10F276E Datasheet HTML 215Page - STMicroelectronics ST10F276E Datasheet HTML 216Page - STMicroelectronics ST10F276E Datasheet HTML 217Page - STMicroelectronics ST10F276E Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 235 page
background image
Electrical characteristics
ST10F276E
214/235
Doc ID 12303 Rev 3
23.8.19
Demultiplexed bus
VDD = 5V ±10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF,
ALE cycle time = 4 TCL + 2tA + tC + tF (50ns at 40 MHz CPU clock without wait states).
Table 105. Demultiplexed bus
Symbol
Parameter
fCPU = 40 MHz
TCL = 12.5ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Min.
Max.
Min.
Max.
t5 CC
ALE high time
4 + tA
-
TCL - 8.5 + tA
-ns
t6 CC
Address setup to ALE
1.5 + tA
-
TCL - 11 + tA
-ns
t80 CC
Address/Unlatched CS
setup to RD, WR
(with RW-delay)
12.5 + 2tA
-
2TCL - 12.5 + 2tA
-ns
t81 CC
Address/Unlatched CS
setup to RD, WR
(no RW-delay)
0.5 + 2tA
-
TCL - 12 + 2tA
-ns
t12 CC
RD, WR low time
(with RW-delay)
15.5 + tC
-
2TCL - 9.5 + tC
-ns
t13 CC
RD, WR low time
(no RW-delay)
28 + tC
-
3TCL - 9.5 + tC
-ns
t14 SR
RD to valid data in
(with RW-delay)
-
6 + tC
-
2TCL - 19 + tC
ns
t15 SR
RD to valid data in
(no RW-delay)
-
18.5 + tC
-
3TCL - 19 + tC
ns
t16 SR
ALE low to valid data in
-
17.5 + tA + tC
-
3TCL - 20 + tA + tC
ns
t17 SR
Address/Unlatched CS to
valid data in
-
20 + 2tA + tC
-
4TCL - 30 + 2tA + tC ns
t18 SR
Data hold after RD
rising edge
0-
0
-
ns
t20 SR
Data float after RD rising
edge
(with RW-delay)(1)
-
16.5 + tF
-
2TCL - 8.5 + tF + 2tA ns
t21 SR
Data float after RD rising
edge (no RW-delay)(1)
-
4 + tF
-
TCL - 8.5 + tF + 2tA
ns
t22 CC
Data valid to WR
10 + tC
-
2TCL - 15 + tC
-ns
t24 CC
Data hold after WR
4 + tF
-
TCL - 8.5 + tF
-ns
t26 CC
ALE rising edge after RD,
WR
-10 + tF
-
-10 + tF
-ns
t28 CC
Address/Unlatched CS
hold after RD, WR (2)
0 + tF
-
0 + tF
-ns
t28hCC
Address/Unlatched CS
hold after WRH
- 5 + tF
-
- 5 + tF
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com