Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 215 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 215 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 211Page - STMicroelectronics ST10F276E Datasheet HTML 212Page - STMicroelectronics ST10F276E Datasheet HTML 213Page - STMicroelectronics ST10F276E Datasheet HTML 214Page - STMicroelectronics ST10F276E Datasheet HTML 215Page - STMicroelectronics ST10F276E Datasheet HTML 216Page - STMicroelectronics ST10F276E Datasheet HTML 217Page - STMicroelectronics ST10F276E Datasheet HTML 218Page - STMicroelectronics ST10F276E Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 235 page
background image
ST10F276E
Electrical characteristics
Doc ID 12303 Rev 3
215/235
1
Partially tested, guaranteed by design characterization.
Figures 61 to 64 present the different configurations of external memory cycle for a
demultiplexed bus.
t38 CC
ALE falling edge to Latched
CS
- 4 - tA
6 - tA
- 4 - tA
6 - tA
ns
t39 SR
Latched CS low to Valid
Data In
-
16.5 + tC + 2tA
-
3TCL - 21+ tC + 2tA ns
t41 CC
Latched CS hold after RD,
WR
2 + tF
-
TCL - 10.5 + tF
-ns
t82 CC
Address setup to RdCS,
WrCS
(with RW-delay)
14 + 2tA
-
2TCL - 11 + 2tA
-ns
t83 CC
Address setup to RdCS,
WrCS
(no RW-delay)
2 + 2tA
-
TCL -10.5 + 2tA
-ns
t46 SR
RdCS to Valid Data In
(with RW-delay)
-
4 + tC
-
2TCL - 21 + tC
ns
t47 SR
RdCS to Valid Data In
(no RW-delay)
-
16.5 + tC
-
3TCL - 21 + tC
ns
t48 CC
RdCS, WrCS low time
(with RW-delay)
15.5 + tC
-
2TCL - 9.5 + tC
-ns
t49 CC
RdCS, WrCS low time
(no RW-delay)
28 + tC
-
3TCL - 9.5 + tC
-ns
t50 CC
Data valid to WrCS
10 + tC
-
2TCL - 15 + tC
-ns
t51 SR
Data hold after RdCS
0-
0
-
ns
t53 SR
Data float after RdCS
(with RW-delay)
-
16.5 + tF
-
2TCL - 8.5 + tF
ns
t68 SR
Data float after RdCS
(no RW-delay)
-
4 + tF
-
TCL - 8.5 + tF
ns
t55 CC
Address hold after
RdCS, WrCS
- 8.5 + tF
-
- 8.5 + tF
-ns
t57 CC
Data hold after WrCS
2 + tF
-
TCL - 10.5 + tF
-ns
1. RW-delay and tA refer to the next following bus cycle.
2. Read data is latched with the same clock edge that triggers the address change and the rising RD edge.
Therefore address changes which occur before the end of RD have no impact on read cycles.
Table 105. Demultiplexed bus (continued)
Symbol
Parameter
fCPU = 40 MHz
TCL = 12.5ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com