Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 7Page - STMicroelectronics ST7580 Datasheet HTML 8Page - STMicroelectronics ST7580 Datasheet HTML 9Page - STMicroelectronics ST7580 Datasheet HTML 10Page - STMicroelectronics ST7580 Datasheet HTML 11Page - STMicroelectronics ST7580 Datasheet HTML 12Page - STMicroelectronics ST7580 Datasheet HTML 13Page - STMicroelectronics ST7580 Datasheet HTML 14Page - STMicroelectronics ST7580 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
V(TX_OUT) HD3
Transmitter output 3rd harmonic distortion
-70
-55
dBc
V(TX_OUT) THD
Transmitter output total harmonic distortion
0.1
0.2
%
Receiver
V(RX_IN) MAX
Receiver input maximum voltage
VCC = 18 V
15
V p-p
V(RX_IN) BIAS
Receiver input bias voltage
VCCA/2
V
Z(RX_IN)
Receiver input Impedance
10
k
Ω
V(RX_IN) MIN
Receiver input sensitivity
B-PSK coded mode,
fC = 86 kHz,
BER = 10-3,
SNR
≥ 20 db (3)
36
dBµV
RMS
FSK mode,
Symbol rate = 2400,
Deviation = 1,
fC = 86 kHz,
BER = 10-3,
SNR
≥ 20 dB
39
dBµV
RMS
PGA_MIN
PGA minimum gain
-18
dB
PGA_MAX
PGA maximum gain
30
dB
Oscillator
V(XIN)
Oscillator input voltage swing
Clock frequency supplied
externally
1.8
VDDIO
V p-p
V(XIN) TH
Oscillator input voltage threshold
0.8
0.9
1
V
f(XIN)
Crystal oscillator frequency
8MHz
f(XIN) TOL
External quartz crystal frequency tolerance
-150
+150
ppm
ESR
External quartz crystal ESR value
100
Ω
CL
External quartz crystal load capacitance
16
20
pF
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com