Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 11Page - STMicroelectronics ST7580 Datasheet HTML 12Page - STMicroelectronics ST7580 Datasheet HTML 13Page - STMicroelectronics ST7580 Datasheet HTML 14Page - STMicroelectronics ST7580 Datasheet HTML 15Page - STMicroelectronics ST7580 Datasheet HTML 16Page - STMicroelectronics ST7580 Datasheet HTML 17Page - STMicroelectronics ST7580 Datasheet HTML 18Page - STMicroelectronics ST7580 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
ST7580
Analog front end (AFE)
Doc ID 022644 Rev 1
15/33
5
Analog front end (AFE)
5.1
Reception path
Figure 6 shows the block diagram of the ST7580 input receiving path. The main blocks are a
wide input range analog programmable gain amplifier (PGA) and the analog to digital
converter (ADC).
Figure 6.
Reception path block diagram
The PGA is controlled by an embedded loop algorithm, adapting the PGA gain to amplify or
attenuate the input signal according to the input voltage range for the ADC.
The PGA gain ranges from -18 dB up to 30 dB, with steps of 6 dB (typ.), as described in
Table 6.
Table 6.
PGA gain table
PGA code
PGA gain (typ.) [dB]
RX_IN max. range [V p-p]
0
-18
V(RX_IN) MAX
1-12
8
2-6
4
302
461
5
12
0.500
6
18
0.250
7
24
0.125
8
30
0.0625
AM02505v1
RX AFE
BPF
ADC
RX_IN
BPF
BPF
ADC
ADC
PGA
PGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com