Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7580 Datasheet HTML 1Page - STMicroelectronics ST7580 Datasheet HTML 2Page - STMicroelectronics ST7580 Datasheet HTML 3Page - STMicroelectronics ST7580 Datasheet HTML 4Page - STMicroelectronics ST7580 Datasheet HTML 5Page - STMicroelectronics ST7580 Datasheet HTML 6Page - STMicroelectronics ST7580 Datasheet HTML 7Page - STMicroelectronics ST7580 Datasheet HTML 8Page - STMicroelectronics ST7580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
January 2012
Doc ID 022644 Rev 1
1/33
33
ST7580
FSK, PSK multi-mode power line networking
system-on-chip
Features
■ Fully integrated narrow-band power line
networking system-on-chip
■ High-performing PHY processor with
embedded turnkey firmware featuring:
– B-FSK modulation up to 9.6 kbps
– B-PSK, Q-PSK, 8-PSK modulations up to
28.8 kbps
– Dual channel operation mode
– Convolutional error correction coding
– Signal-to-noise ratio estimation
– B-PSK with PNA mode against impulsive
noise
■ Protocol engine embedding turnkey
communication protocol
–Framing service
– Error detection
– Sniffer functionality
■ Host controller UART interface up to 57.6 kbps
■ AES-128 based authentication and
confidentiality services
■ Fully integrated analog front end:
– ADC and DAC
– Digital transmission level control
– PGA with automatic gain control
– High sensitivity receiver
■ Fully integrated single-ended power amplifier
for line driving
– Up to 1 A RMS, 14 V p-p output
– Configurable active filtering topology
– Very high linearity
– Embedded temperature sensor
– Current control feature
■ 8 to 18 V power amplifier supply
■ 3.3 V or 5 V digital I/O supply
■ Zero crossing detection
■ Suitable for EN50065, FCC part 15 and ARIB
compliant applications
■ Communication carrier frequency
programmable up to 250 kHz
■ VFQFPN48 7x7x1.0 48L exposed pad
package
■ -40 °C to +85 °C temperature range
Applications
■ Smart metering applications
■ Street lighting control
■ Command and control networking
Description
The ST7580 is a flexible power line networking
system-on-chip combining a high performing PHY
processor core and a protocol controller with a
fully integrated analog front end (AFE) and line
driver for a scalable future-proof, cost effective,
single chip, narrow-band power line
communication solution.
Table 1.
Device summary
Order codes
Package
Packaging
ST7580
VFQFPN48
Tube
ST7580TR
Tape and reel
VFQFPN 7x7x1.0 48L
(pitch 0.50)
www.st.com


Similar Part No. - ST7580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7580 STMICROELECTRONICS-ST7580 Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
ST7580TR STMICROELECTRONICS-ST7580TR Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
More results

Similar Description - ST7580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALKITST7580-1 STMICROELECTRONICS-EVALKITST7580-1 Datasheet
136Kb / 4P
ST7580 power line networking system-on-chip demonstration kit
15-Feb-2012
logo
List of Unclassifed Man...
NRF51422 ETC1-NRF51422 Datasheet
228Kb / 2P
Multi-protocol ANT System-on-Chip
logo
STMicroelectronics
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
AN3213 STMICROELECTRONICS-AN3213 Datasheet
2Mb / 64P
ST7570 S-FSK power line networking system-on-chip
11-Oct-2010
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
ST7580 power line communication system-on-chip design guide
04-Jul-2012
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
ST7570 S-FSK power line networking System-on-Chip
20-Sep-2011
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
Programmable power line communication modem System on Chip
19-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com