Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 20Page - STMicroelectronics ST7580 Datasheet HTML 21Page - STMicroelectronics ST7580 Datasheet HTML 22Page - STMicroelectronics ST7580 Datasheet HTML 23Page - STMicroelectronics ST7580 Datasheet HTML 24Page - STMicroelectronics ST7580 Datasheet HTML 25Page - STMicroelectronics ST7580 Datasheet HTML 26Page - STMicroelectronics ST7580 Datasheet HTML 27Page - STMicroelectronics ST7580 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Physical layer
ST7580
24/33
Doc ID 022644 Rev 1
9
Physical layer
The physical layer implemented in the ST7580 provides the following services:
●
Bit modulation and demodulation according to PSK and FSK schemes
●
Carrier selection up to 250 kHz
●
Bit, byte, and frame synchronization with training sequence and physical header
●
Signal to noise ratio (SNR) estimation.
9.1
PSK modulations
The ST7580 supports several PSK (phase shift keying) modulations with a symbol rate of
9600 baud. As all PSK modulations share the same physical frame, the receiver is able to
recognize the PSK modulation kind used by the transmitter without further settings.
9.1.1
PSK modes
The ST7580 supports several PSK modes:
●
Uncoded modes: B-PSK, Q-PSK, 8-PSK
●
Coded modes: B-PSK coded, Q-PSK coded
●
B-PSK coded with peak noise avoidance (PNA) algorithm.
PSK coded modes transmit, on the power line, two coded bits for each information bit (code
rate ½), halving the bit rate of the communication, but increasing the communication
robustness through error correction.
B-PSK coded with the peak noise avoidance algorithm allows an even more robust
communication and it is recommended to reject impulsive noise synchronous with the mains
period. PNA modulation requires the transmitter to be synchronized to the mains period: the
ZC_IN pin must be connected to a zero crossing detection circuit.
Table 9
summarizes all the available PSK modulations and their bit rate.
Table 9.
PSK modes description
Modulation
Symbol rate [baud]
Information bits per symbol
Bit rate [bps]
B-PSK
9600
1
9600
Q-PSK
9600
2
19200
8-PSK
9600
3
28800
B-PSK coded
9600
½
4800
Q-PSK coded
9600
1
9600
B-PSK coded PNA
9600
¼
2400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com