Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7580 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 8Page - STMicroelectronics ST7580 Datasheet HTML 9Page - STMicroelectronics ST7580 Datasheet HTML 10Page - STMicroelectronics ST7580 Datasheet HTML 11Page - STMicroelectronics ST7580 Datasheet HTML 12Page - STMicroelectronics ST7580 Datasheet HTML 13Page - STMicroelectronics ST7580 Datasheet HTML 14Page - STMicroelectronics ST7580 Datasheet HTML 15Page - STMicroelectronics ST7580 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
fCLK_AFE
Internal frequency of the analog front end
8
MHz
fCLK_PROTOCOL
Internal frequency of the protocol controller core
28
MHz
fCLK_PHY
Internal frequency of the PHY processor
56
MHz
Temperature sensor
T_TH1
Temperature threshold 1
(3)
63
70
77
°C
T_TH2
Temperature threshold 2
90
100
110
°C
T_TH3
Temperature threshold 3
112
125
138
°C
T_TH4
Temperature threshold 4
153
170
187
°C
Zero crossing comparator
V(ZC_IN) MAX
Zero crossing detection input voltage range
10
V p-p
V(ZC_IN) TL
Zero crossing detection input low threshold
-40
-30
-20
mV
V(ZC_IN) TH
Zero crossing detection input high threshold
30
40
50
mV
V(ZC_IN) HYST
Zero crossing detection input hysteresis
62
70
78
mV
ZC_IN d.c.
Zero crossing input duty cycle
50
%
Digital Section
Digital I/O
RPULL-UP
Internal pull-up resistors
VDDIO = 3.3 V
66
k
Ω
VDDIO = 5 V
41
k
Ω
VIH
High logic level input voltage
0.65*VDDIO
VDDIO+0.3
V
VIL
Low logic level input voltage
-0.3
0.35*VDDIO
V
VOH
High logic level output voltage
IOH= -4 mA
VDDIO-0.4
V
VOL
Low logic level output voltage
IOL= 4 mA
0.4
V
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com