Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD2400 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCD2400
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD2400 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCD2400 Datasheet HTML 10Page - STMicroelectronics STCD2400 Datasheet HTML 11Page - STMicroelectronics STCD2400 Datasheet HTML 12Page - STMicroelectronics STCD2400 Datasheet HTML 13Page - STMicroelectronics STCD2400 Datasheet HTML 14Page - STMicroelectronics STCD2400 Datasheet HTML 15Page - STMicroelectronics STCD2400 Datasheet HTML 16Page - STMicroelectronics STCD2400 Datasheet HTML 17Page - STMicroelectronics STCD2400 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Application information
STCD22x0, STCD23x0, STCD24x0
14/39
Doc ID 15400 Rev 2
4
Application information
4.1
LDO input capacitor
A 1 µF input capacitor is required for the input of the LDO of the STCD22x0, STCD23x0 and
STCD24x0 (the amount of capacitance can be increased without limit). This capacitor must
be located as close as possible to the VCC pin on the PC board and return to a clean analog
ground. Any good quality ceramic, tantalum or film capacitor can be used for this capacitor.
4.2
LDO output capacitor
A 1 µF external capacitor is required for the output VTCXO of the LDO of the STCD22x0,
STCD23x0 and STCD24x0. The STCD22x0, STCD23x0 and STCD24x0 are designed to
work with low ESR (equivalent series resistance) ceramic capacitors. Make sure the ESR is
lower than 500 m
Ω to stabilize the VTCXO. Also, capacitor tolerance and variation with
temperature must be considered to assure the minimum amount of capacitance provided at
all times. This capacitor should be located as close as possible to the VTCXO pin on the PC
board.
4.3
LDO BYP pin
A 10 nF ceramic capacitor is required for the LDO BYP pin to ensure lower noise. Any good
quality ceramic, tantalum or film capacitor can be used. The capacitor should be located as
close as possible to the BYP pin on the PC board.
4.4
MCREQ pin
In the STCD22x0, STCD23x0, and STCD24x0, the MCREQ pin is open drain and active low.
Since MCREQ is active low, if none of the clock output is required, the STCD22x0,
STCD23x0 and STCD24x0 are set to standby mode which turns off the internal LDO
VTCXO.
MCREQ is designed as an open drain structure. A pull-up resistor (50 kΩ recommended) is
needed on the PC board to connect this pin to an external 1.8 V supply. Make sure the
current flowing through this pin is kept within 3 mA to guarantee the proper function of the
circuit.
If the MCREQ function is not used in the application, the user can connect this pin to GND or
leave it unconnected. Other functions of the STCD2xx0 will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com