Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD2400 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STCD2400
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD2400 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STCD2400 Datasheet HTML 15Page - STMicroelectronics STCD2400 Datasheet HTML 16Page - STMicroelectronics STCD2400 Datasheet HTML 17Page - STMicroelectronics STCD2400 Datasheet HTML 18Page - STMicroelectronics STCD2400 Datasheet HTML 19Page - STMicroelectronics STCD2400 Datasheet HTML 20Page - STMicroelectronics STCD2400 Datasheet HTML 21Page - STMicroelectronics STCD2400 Datasheet HTML 22Page - STMicroelectronics STCD2400 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
Typical operating characteristics
Doc ID 15400 Rev 2
19/39
5
Typical operating characteristics
Typical operating characteristics are at TA = 25 °C, Cload = 20 pF at each channel,
VCC = 3.8 V, fMCLK = 26 MHz.
Figure 11. Quiescent current vs. supply voltage (EN1 = EN2 = EN3 = EN4 = 1,
no master clock input)
Figure 12. Quiescent current vs. temperature (EN1 = EN2 = EN3 = EN4 = 1,
Cload = 20 pF, no master clock input)
67
68
69
70
71
72
73
74
75
2. 3
2. 7
3. 1
3. 5
3. 9
4. 3
4. 7
5.1
5. 5
Supply voltage VCC (V)
AM00496v1
AM00497v1
0
20
40
60
80
100
–30
–20
0
25
50
85
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com