Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD2400 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STCD2400
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD2400 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STCD2400 Datasheet HTML 25Page - STMicroelectronics STCD2400 Datasheet HTML 26Page - STMicroelectronics STCD2400 Datasheet HTML 27Page - STMicroelectronics STCD2400 Datasheet HTML 28Page - STMicroelectronics STCD2400 Datasheet HTML 29Page - STMicroelectronics STCD2400 Datasheet HTML 30Page - STMicroelectronics STCD2400 Datasheet HTML 31Page - STMicroelectronics STCD2400 Datasheet HTML 32Page - STMicroelectronics STCD2400 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
DC and AC parameters
Doc ID 15400 Rev 2
29/39
PSRR
Power supply rejection ratio(3)(4)
VCC = 2.5 V to 5.1 V,
Fripple = 217 Hz,
ILOAD = 20 mA
60
67
dB
VCC = 2.5 V to 5.1 V,
Fripple = 1 kHz,
ILOAD = 20 mA
40
60
VCC = 2.5 V to 5.1 V,
Fripple = 1 MHz,
ILOAD = 20 mA
40
VCC = 2.5 V to 5.1 V,
Fripple = 3.25 MHz,
ILOAD = 20 mA
40
eN
Output noise voltage(3)
ILOAD = 5 mA, 10 Hz to
100 kHz
45
µVrms
tST
Startup time(3)
VTCXO > 90%,
ILOAD = 10 µA to 20 mA
150
400
µs
tF
Output voltage falling time(3)
VTCXO < 10%,
ILOAD = 0
120
400
µs
Clock distribution
fMCLK
Master clock (from external clock
source)
Square wave / sine
wave
10
26
52
MHz
fCLK duty cycle
40
50
60
%
VIN
Input clock voltage level(5)
Square wave
0.8
1.8
VTCXO + 0.2
Vpp
Sine wave
0.8
1
VTCXO + 0.2
Vpp
VOH
Output high
CL = 20 pF
VTCXO – 0.05 VTCXO
V
VOL
Output low
CL = 20 pF
0.05
V
Tr/f
Rise/fall time(6)
CL =10 pF~ 40 pF
1
2
5
ns
IQC
Quiescent current(7)
(including LDO)
1 channel enabled
80
200
µA
2 channels enabled
80
200
3 channels enabled
80
200
4 channels enabled
80
200
ICC
Active current(8)
1 channel enabled
1.9
mA
2 channels enabled
3.0
3 channels enabled
4.1
4 channels enabled
5.2
ISB
Standby current
(including LDO)
All buffers off
0.2
1
µA
RIN
Input impedance
> 100
k
Ω
Table 10.
DC and AC characteristics (continued)
Sym.
Parameter
Condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com