Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD2400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCD2400
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD2400 Datasheet(HTML) 1 Page - STMicroelectronics

  STCD2400 Datasheet HTML 1Page - STMicroelectronics STCD2400 Datasheet HTML 2Page - STMicroelectronics STCD2400 Datasheet HTML 3Page - STMicroelectronics STCD2400 Datasheet HTML 4Page - STMicroelectronics STCD2400 Datasheet HTML 5Page - STMicroelectronics STCD2400 Datasheet HTML 6Page - STMicroelectronics STCD2400 Datasheet HTML 7Page - STMicroelectronics STCD2400 Datasheet HTML 8Page - STMicroelectronics STCD2400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
January 2010
Doc ID 15400 Rev 2
1/39
1
STCD22x0, STCD23x0, STCD24x0
Multichannel clock distribution circuit
Features
■ 2, 3 or 4 output buffered clock distribution
■ Single-ended square wave (or sine wave) clock
input
■ Rail-to-rail (0 V to VTCXO) square wave output
■ Individual enable pin for each output
■ 1.8 V, high PSRR LDO for external clock
source voltage supply (VTCXO)
■ No AC coupling capacitor needed
■ Ultra-low phase noise and standby current
■ Common system clock request, open drain,
active low
■ Clock enable signal polarities factory
programmable (STCD23x0)
■ Option pins allow clock enable polarities to be
user configurable (STCD22x0 and STCD24x0)
■ High isolation output-to-output & output-to-input
■ 2.5 V to 5.1 V battery supply voltage
■ 40 pF max load driving capability per output
■ Available in chip scale package (CSP)
■ Operating temperature : –20 °C to 85 °C
Applications
■ Multimode RF clock reference
■ Baseband peripheral device clock reference
■ Mobile Internet Devices (MIDs)
Flip Chip (12-bump, 16-bump)
Table 1.
Device summary
Reference
Part number
Channels
Enable polarity
Package
STCD22x0
STCD2200(1)
2-channel
User program
Flip Chip 12-bump
(1.2 mm x 1.6 mm)
STCD24x0
STCD2400
4-channel
Flip Chip 16-bump
(1.6 mm x 1.6 mm)
STCD2410(1)
STCD23x0
STCD2300(1)
3-channel
Factory program
Flip Chip 12-bump
(1.2 mm x 1.6 mm)
STCD2310(1)
STCD2320(1)
STCD2330(1)
1.
Contact local ST sales office for availability.
www.st.com


Similar Part No. - STCD2400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
More results

Similar Description - STCD2400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
Multi-channel clock distribution circuit
08-May-2008
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
CLOCK DISTRIBUTION CIRCUIT
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
CLOCK DISTRIBUTION CIRCUIT
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
1:4 Clock Distribution
logo
STMicroelectronics
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
Clock distribution
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
CLOCK DISTRIBUTION CIRCUIT
061711
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
CLOCK DISTRIBUTION CIRCUIT
022212
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com