Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD2400 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STCD2400
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD2400 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STCD2400 Datasheet HTML 17Page - STMicroelectronics STCD2400 Datasheet HTML 18Page - STMicroelectronics STCD2400 Datasheet HTML 19Page - STMicroelectronics STCD2400 Datasheet HTML 20Page - STMicroelectronics STCD2400 Datasheet HTML 21Page - STMicroelectronics STCD2400 Datasheet HTML 22Page - STMicroelectronics STCD2400 Datasheet HTML 23Page - STMicroelectronics STCD2400 Datasheet HTML 24Page - STMicroelectronics STCD2400 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
Typical operating characteristics
Doc ID 15400 Rev 2
21/39
Figure 15. Active current vs. supply voltage (EN1 = EN2 = EN3 = EN4 = 1, fMCLK = 26 MHz,
Cload = 20 pF)
Figure 16. Active current vs. master clock input voltage level (EN1 = EN2 = EN3 = EN4 = 1,
fMCLK = 26 MHz, Cload = 20 pF)
Figure 17. Active current vs. master clock frequency (EN1 = EN2 = EN3 = EN4 = 1, Cload = 20 pF)
1 channel enabled
2 channels enabled
3 channels enabled
4 channels enabled
AM00612v1
Supply voltage VCC (V)
0
1
2
3
4
5
6
2. 3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
1 channel enabled
2 channels enabled
3 channels enabled
4 channels enabled
AM00613v1
Master clock fMCLK voltage level (Vpp)
0
1
2
3
4
5
6
7
0. 5
0. 8
1. 1
1. 4
1.8
0
5
10
15
Master clock frequency fMCLK (MHz)
1 channel enabled
2 channels enabled
3 channels enabled
4 channels enabled
AM00614v1
510
40
45
50
55
35
30
25
20
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com