Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 45 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 45 Page - SPANSION

Back Button S29AS016J Datasheet HTML 41Page - SPANSION S29AS016J Datasheet HTML 42Page - SPANSION S29AS016J Datasheet HTML 43Page - SPANSION S29AS016J Datasheet HTML 44Page - SPANSION S29AS016J Datasheet HTML 45Page - SPANSION S29AS016J Datasheet HTML 46Page - SPANSION S29AS016J Datasheet HTML 47Page - SPANSION S29AS016J Datasheet HTML 48Page - SPANSION S29AS016J Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
February 1, 2012 S29AS016J_00_11
S29AS016J
45
Data
She e t
16. Test Conditions
Figure 16.1 Test Setup
17. Key to Switching Waveforms
Figure 17.1 Input Waveforms and Measurement Levels
Table 16.1 Test Specifications
Test Condition
70
Unit
Output Load Capacitance, CL
(including jig capacitance)
100
pF
Input Rise and Fall Times
3ns
Input Pulse Levels
0.0 – 2.0
V
Input timing measurement reference levels
1.0
Output timing measurement reference levels
1.0
CL
Device
Under
Test
Waveform
Inputs
Outputs
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High-Z)
VCC
0.0 V
VCC/2
Output
Measurement Level
Input
VCC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com