Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 13 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 13 Page - SPANSION

Back Button S29AS016J Datasheet HTML 9Page - SPANSION S29AS016J Datasheet HTML 10Page - SPANSION S29AS016J Datasheet HTML 11Page - SPANSION S29AS016J Datasheet HTML 12Page - SPANSION S29AS016J Datasheet HTML 13Page - SPANSION S29AS016J Datasheet HTML 14Page - SPANSION S29AS016J Datasheet HTML 15Page - SPANSION S29AS016J Datasheet HTML 16Page - SPANSION S29AS016J Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
February 1, 2012 S29AS016J_00_11
S29AS016J
13
Data
She e t
4.
Pin Configuration
5.
Logic Symbol
A0–A19
20 addresses
DQ0–DQ14
15 data inputs/outputs
DQ15/A-1
DQ15 (data input/output, word mode), A-1 (LSB address input, byte mode)
BYTE#
Selects 8-bit or 16-bit mode
CE#
Chip enable
OE#
Output enable
WE#
Write enable
WP#
Write protect: The WP# contains an internal pull-up; when unconnected, WP is at VIH.
RESET#
Hardware reset pin
RY/BY#
Ready/Busy output
VCC
1.8 volt-only single power supply (see Product Selector Guide on page 9 for speed options and voltage supply
tolerances)
VSS
Device ground
NC
Pin not connected internally
20
16 or 8
DQ0–DQ15
(A-1)
A0–A19
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#
WP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com