Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 18 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 18 Page - SPANSION

Back Button S29AS016J Datasheet HTML 14Page - SPANSION S29AS016J Datasheet HTML 15Page - SPANSION S29AS016J Datasheet HTML 16Page - SPANSION S29AS016J Datasheet HTML 17Page - SPANSION S29AS016J Datasheet HTML 18Page - SPANSION S29AS016J Datasheet HTML 19Page - SPANSION S29AS016J Datasheet HTML 20Page - SPANSION S29AS016J Datasheet HTML 21Page - SPANSION S29AS016J Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
7.9
Autoselect Mode
The autoselect mode provides manufacturer and device identification, sector group protection verification,
and Secured Silicon Sector status through identifier codes output on DQ7–DQ0. This mode is primarily
intended for programming equipment to automatically match a device to be programmed with its
corresponding programming algorithm. However, the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect mode requires VID (9.0 V to 11.0 V) on address pin A9.
Address pins A6, A3, A2, A1, and A0 must be as shown in Table 7.2. In addition, when verifying sector group
protection, the sector address must appear on the appropriate highest order address bits (see Table 7.3
on page 19 and Table 7.4 on page 20). Table 7.2 shows the remaining address bits that are don’t care. When
all necessary bits have been set as required, the programming equipment may then read the corresponding
identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via the
command register, as shown in Table 11.1 on page 36. This method does not require VID. See Command
Definitions on page 31 for details on using the autoselect mode.
Legend
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care
Note
The autoselect codes may also be accessed in-system via command sequences. See Table 11.1 on page 36.
Table 7.2 S29AS016J Autoselect Codes (High Voltage Method)
Description
CE#
OE#
WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7
to
DQ0
BYTE =
VIH
BYTE =
VIL
Manufacturer ID:
Spansion
LL
H
X
X
VID
XL
XL
L
L
00h
X
01h
Device ID
Cycle 1
L
L
H
X
X
VID
XL
XL
L
H
22h
X
7Eh
Cycle 2
L
L
H
X
X
VID
X
L
X
H
H
L
22h
X
03h
Cycle 3
L
L
H
X
X
VID
X
L
X
HHH
22h
X
04h (Top Boot),
03h (Bottom Boot)
Sector Group Protection
Verification
LL
H
SA
X
VID
XL
XL
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon Sector
Indicator Bit (DQ7), WP#
protects highest address
sector
LL
H
X
X
VID
XL
XL
H
H
X
X
89h (factory locked),
09h (not factory locked)
Secured Silicon Sector
Indicator Bit (DQ7), WP#
protects lowest address
sector
LL
H
X
X
VID
XL
XL
H
H
X
X
91h (factory locked),
11h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com