Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 12 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 12 Page - SPANSION

Back Button S29AS016J Datasheet HTML 8Page - SPANSION S29AS016J Datasheet HTML 9Page - SPANSION S29AS016J Datasheet HTML 10Page - SPANSION S29AS016J Datasheet HTML 11Page - SPANSION S29AS016J Datasheet HTML 12Page - SPANSION S29AS016J Datasheet HTML 13Page - SPANSION S29AS016J Datasheet HTML 14Page - SPANSION S29AS016J Datasheet HTML 15Page - SPANSION S29AS016J Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
12
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
3.3
FBGA Connection Diagram, 6.0 mm x 4.0 mm (VDF048)
3.4
Special Handling Instructions
Special handling is required for Flash Memory products in BGA packages.
Flash memory devices in BGA packages may be damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compromised if the package body is exposed to temperatures
above 150°C for prolonged periods of time.
C
BJ
K
E
DFH
A
L
A6
A4
A9
A11
NC
A17
WE#
NC
RESET#
A2
5
3
2
1
6
4
A7
A3
A10
A13
WP#
RY/BY#
A1
A14
A18
A5
A8
A12
A0
A15
DQ10
DQ8
DQ4
DQ11
CE#
A16
DQ9
OE#
DQ5
DQ6
A19
NC
VSS
DQ7
DQ1
DQ0
DQ14
DQ15
DQ3
DQ2
DQ12
VCC
DQ13
VSS
G
Fine-pitch Ball Grid Array - VDF048
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com