Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS016J Datasheet(PDF) 14 Page - SPANSION

Part # S29AS016J
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS016J Datasheet(HTML) 14 Page - SPANSION

Back Button S29AS016J Datasheet HTML 10Page - SPANSION S29AS016J Datasheet HTML 11Page - SPANSION S29AS016J Datasheet HTML 12Page - SPANSION S29AS016J Datasheet HTML 13Page - SPANSION S29AS016J Datasheet HTML 14Page - SPANSION S29AS016J Datasheet HTML 15Page - SPANSION S29AS016J Datasheet HTML 16Page - SPANSION S29AS016J Datasheet HTML 17Page - SPANSION S29AS016J Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
14
S29AS016J
S29AS016J_00_11 February 1, 2012
Da ta
Sh e e t
6.
Ordering Information
6.1
S29AS016J Standard Products
Spansion standard products are available in several packages and operating ranges. The order number
(Valid Combination) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes
1. Type 0 is standard. Specify other options as required.
2. TSOP package markings omit packing type designator from ordering part number.
3. Model numbers 01 and 02 are deprecated. Please use the equivalent 03 and 04 model numbers instead.
4. BGA package marking omits leading “S29” and packing type designator from ordering part number.
S29AS016J
70
T
F
I
01
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
Model Number
01 = VCC = 1.65–1.95 V, top boot sector device (Note 3)
02 = VCC = 1.65–1.95 V, bottom boot sector device (Note 3)
03 = VCC = 1.65–1.95 V, top boot sector device
04 = VCC = 1.65–1.95 V, bottom boot sector device
F3 = VCC = 1.65–1.95 V, x16 only, 6.0x4.0 mm FBGA,
top boot sector device
F4 = VCC = 1.65–1.95 V, x16 only, 6.0x4.0 mm FBGA,
bottom boot sector device
Temperature Range
I
= Industrial (-40°C to +85°C)
V = Automotive In-Cabin (-40°C to +105°C)
Package Material Set
F
= Pb-Free
H = Low-Halogen, Pb-Free
Package Type
T
= Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
Speed Option
70 = 70 ns Access Speed
90 = 90 ns Access Speed
Device Number/Description
S29AS016J
16 Megabit Flash Memory manufactured using 110 nm process technology
1.8 Volt-only Read, Program, and Erase
S29AS016J Valid Combinations
Package
Description
Device
Number
Speed
Option
Package Type, Material, and
Temperature Range
Model
Number
Packing Type
S29AS016J
70
TFI
01, 02, 03, 04
(Note 3)
0, 3 (Note 1)
TS048 (Note 2)
TSOP
BFI, BHI
0, 2, 3 (Note 1)
VBK048
Fine-Pitch BGA
(Note 4)
BHI
F3, F4
VDF048
BFV, BHV
03, 04
VBK048
90
BFV, BHV
03, 04
VBK048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com