Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 34 Page - SPANSION

Part # S29GL01GP
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 34 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 30Page - SPANSION S29GL01GP Datasheet HTML 31Page - SPANSION S29GL01GP Datasheet HTML 32Page - SPANSION S29GL01GP Datasheet HTML 33Page - SPANSION S29GL01GP Datasheet HTML 34Page - SPANSION S29GL01GP Datasheet HTML 35Page - SPANSION S29GL01GP Datasheet HTML 36Page - SPANSION S29GL01GP Datasheet HTML 37Page - SPANSION S29GL01GP Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
34
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A14 October 22, 2012
Da ta
Sh e e t
7.7.6
Program Suspend/Program Resume Commands
The Program Suspend command allows the system to interrupt an embedded programming operation or a
“Write to Buffer” programming operation so that data can read from any non-suspended sector. When the
Program Suspend command is written during a programming process, the device halts the programming
operation within 15 µs maximum (5 µs typical) and updates the status bits. Addresses are “don't-cares” when
writing the Program Suspend command.
After the programming operation has been suspended, the system can read array data from any non-
suspended sector. The Program Suspend command may also be issued during a programming operation
while an erase is suspended. In this case, data may be read from any addresses not within a sector in Erase
Suspend or Program Suspend. If a read is needed from the Secured Silicon Sector area, then user must use
the proper command sequences to enter and exit this region.
The system may also write the Autoselect Command Sequence when the device is in Program Suspend
mode. The device allows reading Autoselect codes in the suspended sectors, since the codes are not stored
in the memory array. When the device exits the Autoselect mode, the device reverts to Program Suspend
mode, and is ready for another valid operation. See Autoselect on page 21 for more information.
After the Program Resume command is written, the device reverts to programming. The system can
determine the status of the program operation using the write operation status bits, just as in the standard
program operation. See Write Operation Status on page 36 for more information.
The system must write the Program Resume command (address bits are “don't care”) to exit the Program
Suspend mode and continue the programming operation. Further writes of the Program Resume command
are ignored. Another Program Suspend command can be written after the device has resumed programming.
Software Functions and Sample Code
The following is a C source code example of using the program suspend function. Refer to the Spansion Low
Level Driver User’s Guide (available on www.spansion.com) for general information on Spansion Flash
memory software development guidelines.
/* Example: Program suspend command */
*( (UINT16 *)base_addr ) = 0x00B0;
/* write suspend command
*/
The following is a C source code example of using the program resume function. Refer to the Spansion Low
Level Driver User’s Guide (available on www.spansion.com) for general information on Spansion Flash
memory software development guidelines.
/* Example: Program resume command */
*( (UINT16 *)base_addr ) = 0x0030;
/* write resume command
*/
Table 7.12 Program Suspend
(LLD Function = lld_ProgramSuspendCmd)
Cycle
Operation
Byte Address
Word Address
Data
1
Write
Base + XXXh
Base + XXXh
00B0h
Table 7.13 Program Resume
(LLD Function = lld_ProgramResumeCmd)
Cycle
Operation
Byte Address
Word Address
Data
1
Write
Base + XXXh
Base + XXXh
0030h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com