Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 79 Page - SPANSION

Part # S29GL01GP
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 79 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 73Page - SPANSION S29GL01GP Datasheet HTML 74Page - SPANSION S29GL01GP Datasheet HTML 75Page - SPANSION S29GL01GP Datasheet HTML 76Page - SPANSION S29GL01GP Datasheet HTML 77Page - SPANSION S29GL01GP Datasheet HTML 78Page - SPANSION S29GL01GP Datasheet HTML 79Page - SPANSION S29GL01GP Datasheet HTML 80Page - SPANSION S29GL01GP Datasheet HTML 81Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
October 22, 2012 S29GL-P_00_A14
S29GL-P MirrorBit® Flash Family
79
Data
She e t
Revision A8 (November 28, 2007)
Ordering Information
New commercial operating temperature option
Operating Ranges
New operating temperature range
Revision A9 (February 15, 2008)
Electrical Specification
Modified Test Conditions
Erase and Programming Performance
Chip Program Time: removed comment
Sector Protection Command Definition,
x16 Table
Corrected Lock Register “Read” address
Advance Information on S29GL-R 65
nm MirrorBit Hardware Reset (RESET#)
and Power-up Sequence
Power-Up Sequence Timings Table: modified Note 2 - reduced timing from 500 µs to 300 µs
Revision A10 (March 19, 2008)
Global
Changed document status to Full Production.
DC Characteristics
Changed Max values for Input Load Current (ILI)
Sector Protection Command Definitions
(x16 & x8 tables)
Changed Lock Register Read command from “DATA” to “RD”
Revision A11 (June 11, 2008)
Ordering Information
Revised Commercial temperature range
Figure: Write Operation Status
Flowchart
Updated flowchart
Revision A12 (November 20, 2009)
Table Input/Output Descriptions
Removed RFU description
Figure 64-ball Fortified Ball Grid Array
Changed all RFU pins to NC pins
Figure 56-pin Standard TSOP (Top
View)
Changed all RFU pins to NC pins
Table Autoselect Exit
Changed cycle description to Auto Select Exit Command
Table Chip Erase
Changed address of last C source code command from 0x000h to 0x555h
Erase Suspend/Erase Resume
Changed first paragraph, second sentence to sector address is “don't care” for Erase Suspend
Changed sixth paragraph, second sentence to sector address is “don't care” for Erase Suspend
Tables
Program Suspend
Program Resume
Unlock Bypass Entry
Unlock Bypass Program
Unlock Bypass Reset
Added Byte Address to tables
Unlock Bypass
Third paragraph, first sentence added unlock bypass Sector Erase and unlock bypass Chip Erase
as valid commands
Changed paragraph, third sentence to sector address of exit command is “don't care”.
Writing Commands/Command
Sequence
Changed tables listed in fourth sentence to Table 6.1-6.4
WP#/ACC Method
Changed table listed in Note section to 11.2.
Secured Silicon Sector Entry/Exit
Command Sequence
Added source code for program under Table 10.3
Table Secured Silicon Sector Exit
Changed Byte and Word addresses of Exit Cycle to “XXXh”
Figure Test Setup
Changed test setup to show only a load of CL
Table Test Specification
Removed Output Load Test Condition
Table S29GL-P Erase and Program
Operations
Removed tGHWL
Table S29GL-P Alternate CE#
Controlled Erase and Program
Operations
Changed description of tGHEL to (OE# High to CE# Low)
Change Note 2 to “DC Characteristics”
Section
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com