Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 80 Page - SPANSION

Part # S29GL01GP
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 80 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 73Page - SPANSION S29GL01GP Datasheet HTML 74Page - SPANSION S29GL01GP Datasheet HTML 75Page - SPANSION S29GL01GP Datasheet HTML 76Page - SPANSION S29GL01GP Datasheet HTML 77Page - SPANSION S29GL01GP Datasheet HTML 78Page - SPANSION S29GL01GP Datasheet HTML 79Page - SPANSION S29GL01GP Datasheet HTML 80Page - SPANSION S29GL01GP Datasheet HTML 81Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
80
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A14 October 22, 2012
Da ta
Sh e e t
TSOP Pin and BGA Package
Capacitance
Changed RESET# values.
Table S29GL-P Memory Array
Command Definitions, x16
Changed number of cycles for Device ID to 6
Changed number of cycles for Write Buffer to 6
Added note regarding the number of cycles in a Write Buffer command
Table S29GL-P Memory Array
Command Definitions, x8
Changed number of cycles for Device ID to 6
Changed number of cycles for Write Buffer to 6
Added note regarding the number of cycles in a Write Buffer command
Table System Interface String
Changed value of address 20h (x16) to 0009h and description to
“Typical timeout for buffer write 2
n µs”
Added values of 128 Mb-512 Mb densities to address 22h (x16)
Table Device Geometry Definition
For address 31h (x16) corrected x8 address
Revision A13 (November 17, 2010)
Performance Characteristics
Updated access time options for S29GL512P
Ordering Information
Updated speed options for S29GL512P
Read Operation Timing Figure
Added note
Revision A14 (October 22, 2012)
Sector Erase
Clarified tSEA
Erase Suspend
Clarified tSEA
Writing Commands/Command
Sequences
Sub-section RY/BY#: Clarified last sentence
Figure Advanced Sector Protection/
Unprotection
Corrected Note numbering
Table S29GL-P Memory Array
Command Definitions, x8
Corrected Address for 3rd Cycle of Write-To-Buffer-Abort Reset command
Table System Interface String
Changed value of address 20h (x16) to 0006h
Advance Information on S29GL-R
65 nm MirrorBit Hardware Reset
(RESET#) and Power-up Sequence
Updated section title to Advance Information on S29GL-S Eclipse 65 nm MirrorBit Power-On and
Warm Reset Timing
Updated section to cover GL-S Power-On and Warm Reset Timing
Section
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com