Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 77 Page - SPANSION

Part # S29GL01GP
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 77 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 73Page - SPANSION S29GL01GP Datasheet HTML 74Page - SPANSION S29GL01GP Datasheet HTML 75Page - SPANSION S29GL01GP Datasheet HTML 76Page - SPANSION S29GL01GP Datasheet HTML 77Page - SPANSION S29GL01GP Datasheet HTML 78Page - SPANSION S29GL01GP Datasheet HTML 79Page - SPANSION S29GL01GP Datasheet HTML 80Page - SPANSION S29GL01GP Datasheet HTML 81Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
October 22, 2012 S29GL-P_00_A14
S29GL-P MirrorBit® Flash Family
77
Data
She e t
Figure 13.2 Warm Reset Timing
Note:
The sum of tRP and tRH must be equal to or greater than tRPH.
The differences in power-on timing should not present a migration challenge for most applications where the
flash interfaces directly with a Host that requires oscillator and PLL lock prior to initiating the first boot read
access to the flash. In applications which may access the flash within 300 µs of power application, some
circuit modification will be required to accommodate migration to GL-S flash.
To initiate the first read or write cycle after power on, the GL-S requires CE# or OE# to transition from High to
Low no sooner than tVCS after VCC exceeds VCC_min and VIO exceeds VIO_min. CE# or OE# must be High at
least tCEH = 20 ns prior to CE# or OE# falling edge which initiates the first access.
CE# is ignored during Warm Reset; however, to initiate the first read or write cycle after warm reset, the GL-S
requires CE# to transition from High to Low no sooner than tRH after RESET# transitions from Low to High.
CE# must be high at least tCEH = 20 ns prior to CE# falling edge, which initiates first access. These were not
requirements for the GL-P so designs that have CE# fixed low cannot migrate to GL-S without modification to
enable active CE# control.
The GL-S allows VIO to ramp concurrently with or after VCC with no restriction on time or voltage differential.
During power ramp no input is allowed to exceed VIO. The GL-S data sheet provides enhanced direction on
power management and control to design a robust and reliable system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com