Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GP Datasheet(PDF) 41 Page - SPANSION

Part # S29GL01GP
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 41 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 37Page - SPANSION S29GL01GP Datasheet HTML 38Page - SPANSION S29GL01GP Datasheet HTML 39Page - SPANSION S29GL01GP Datasheet HTML 40Page - SPANSION S29GL01GP Datasheet HTML 41Page - SPANSION S29GL01GP Datasheet HTML 42Page - SPANSION S29GL01GP Datasheet HTML 43Page - SPANSION S29GL01GP Datasheet HTML 44Page - SPANSION S29GL01GP Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
October 22, 2012 S29GL-P_00_A14
S29GL-P MirrorBit® Flash Family
41
Data
She e t
7.9.3
Software Reset
Software reset is part of the command set (see Table 12.1 on page 69) that also returns the device to array
read mode and must be used for the following conditions:
1. to exit Autoselect mode
2. when DQ5 goes high during write status operation that indicates program or erase cycle was not
successfully completed
3. exit sector lock/unlock operation.
4. to return to erase-suspend-read mode if the device was previously in Erase Suspend mode.
5. after any aborted operations
Software Functions and Sample Code
Note
Base = Base Address.
The following is a C source code example of using the reset function. Refer to the Spansion Low Level Driver
User’s Guide (available on www.spansion.com) for general information on Spansion Flash memory software
development guidelines.
/* Example: Reset (software reset of Flash state machine) */
*( (UINT16 *)base_addr ) = 0x00F0;
The following are additional points to consider when using the reset command:
 This command resets the sectors to the read and address bits are ignored.
 Reset commands are ignored during program and erase operations.
 The reset command may be written between the cycles in a program command sequence before
programming begins (prior to the third cycle). This resets the sector to which the system was writing to the
read mode.
 If the program command sequence is written to a sector that is in the Erase Suspend mode, writing the
reset command returns that sector to the erase-suspend-read mode.
 The reset command may be written during an Autoselect command sequence.
 If a sector has entered the Autoselect mode while in the Erase Suspend mode, writing the reset command
returns that sector to the erase-suspend-read mode.
 If DQ1 goes high during a Write Buffer Programming operation, the system must write the “Write to Buffer
Abort Reset” command sequence to RESET the device to reading array data. The standard RESET
command does not work during this condition.
 To exit the unlock bypass mode, the system must issue a two-cycle unlock bypass reset command
sequence [see Command Definitions on page 68 for details].
Table 7.18 Reset
(LLD Function = lld_ResetCmd)
Cycle
Operation
Byte Address
Word Address
Data
Reset Command
Write
Base + xxxh
Base + xxxh
00F0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com