Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 11 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LRIS2K_11 Datasheet HTML 7Page - STMicroelectronics LRIS2K_11 Datasheet HTML 8Page - STMicroelectronics LRIS2K_11 Datasheet HTML 9Page - STMicroelectronics LRIS2K_11 Datasheet HTML 10Page - STMicroelectronics LRIS2K_11 Datasheet HTML 11Page - STMicroelectronics LRIS2K_11 Datasheet HTML 12Page - STMicroelectronics LRIS2K_11 Datasheet HTML 13Page - STMicroelectronics LRIS2K_11 Datasheet HTML 14Page - STMicroelectronics LRIS2K_11 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
LRIS2K
Description
Doc ID 13888 Rev 9
11/98
1
Description
The LRIS2K is a contactless memory powered by the received carrier electromagnetic
wave, which follows the ISO 15693 recommendation for radio frequency power and signal
interface. It is a 2048-bit electrically erasable programmable memory (EEPROM). The
memory is organized as 64 blocks of 32 bits. The LRIS2K is accessed via the 13.56 MHz
carrier electromagnetic wave on which incoming data are demodulated from the received
signal amplitude modulation (ASK: amplitude shift keying). The received ASK wave is 10%
or 100% modulated with a data rate of 1.6 Kbit/s using the 1/256 pulse coding mode or a
Data rate of 26 Kbit/s using the 1/4 pulse coding mode.
Outgoing data are generated by the LRIS2K load variation using Manchester coding with
one or two subcarrier frequencies at 423 KHz and 484 kHz. Data are transferred from the
LRIS2K at 6.6 Kbit/s in low data rate mode and 26 Kbit/s high data rate mode. The LRIS2K
supports the 53 Kbit/s in high data rate mode in one subcarrier frequency at 423 kHz.
The LRIS2K also features a unique 32-bit multi-password protection scheme.
Figure 1.
Pad connections
Table 1.
Signal names
Signal name
Function
AC1
Antenna coil
AC0
Antenna coil
AI12853
AC1
LRIS2K
AC0
Power
Supply
Regulator
Manchester
Load
Modulator
ASK
Demodulator
2048 bit
EEPROM
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com