Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 16 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LRIS2K_11 Datasheet HTML 12Page - STMicroelectronics LRIS2K_11 Datasheet HTML 13Page - STMicroelectronics LRIS2K_11 Datasheet HTML 14Page - STMicroelectronics LRIS2K_11 Datasheet HTML 15Page - STMicroelectronics LRIS2K_11 Datasheet HTML 16Page - STMicroelectronics LRIS2K_11 Datasheet HTML 17Page - STMicroelectronics LRIS2K_11 Datasheet HTML 18Page - STMicroelectronics LRIS2K_11 Datasheet HTML 19Page - STMicroelectronics LRIS2K_11 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
LRIS2K block security
LRIS2K
16/98
Doc ID 13888 Rev 9
The LRIS2K password protection is organized around a dedicated set of commands plus a
system area of four password blocks where the password values and the Kill code are
stored. Each password block also has a Protect Status area, making it possible to set the
Read / Write access right of each individual block. This system area is described in Table 6.
The dedicated password commands are:
●
Write Password:
The Write Password command is used to write a 32-bit block into the password system
area. This command must be used to write or update password values and to set the
kill code. Depending on the Read/Write access set in the Protect Status area, it is
possible to modify a password value after issuing a valid Present Password command.
●
Lock Password:
The Lock Password command is used to set the Protect Status area of the selected
block. Bits b4 to b1 of the Protect Status are affected by the Lock Password command.
The Block Lock bit, b0, is set to ‘1’ automatically. After issuing a Lock Password
command, the protection settings of the selected block are activated. The protection of
a locked block cannot be changed. A Lock Password command sent to a locked block
returns an error code.
The Lock Password command is also used to set the Protect Status areas of the
password blocks. RFU bit 8 of the Request_flag is used to select either the memory
area (bit 8 = ‘0’) or the password area (bit 8 = ‘1’).
●
Present Password:
The Present Password command is used to present one of the three passwords to the
LRIS2K in order to modify the access rights of all the memory blocks linked to that
password (Table 5) including the password itself. If the presented password is correct,
the access rights remain activated until the tag is powered off or until a new Present
Password command is issued.
Table 6.
Password system area
Add
0
7 8
15 16
23
24
31
Protect status
0
Kill code
5 bits
1
Password 1
5 bits
2
Password 2
5 bits
3
Password 3
5 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com