Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 25 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LRIS2K_11 Datasheet HTML 21Page - STMicroelectronics LRIS2K_11 Datasheet HTML 22Page - STMicroelectronics LRIS2K_11 Datasheet HTML 23Page - STMicroelectronics LRIS2K_11 Datasheet HTML 24Page - STMicroelectronics LRIS2K_11 Datasheet HTML 25Page - STMicroelectronics LRIS2K_11 Datasheet HTML 26Page - STMicroelectronics LRIS2K_11 Datasheet HTML 27Page - STMicroelectronics LRIS2K_11 Datasheet HTML 28Page - STMicroelectronics LRIS2K_11 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
LRIS2K
Communications signal from LRIS2K to VCD
Doc ID 13888 Rev 9
25/98
6
Communications signal from LRIS2K to VCD
The LRIS2K has several modes defined for some parameters, owing to which it can operate
in different noise environments and meet different application requirements.
6.1
Load modulation
The LRIS2K is capable of communication to the VCD via an inductive coupling area
whereby the carrier is loaded to generate a subcarrier with frequency fS. The subcarrier is
generated by switching a load in the LRIS2K.
The load-modulated amplitude received on the VCD antenna must be of at least 10mV
when measured as described in the test methods defined in International Standard
ISO10373-7.
6.2
Subcarrier
The LRIS2K supports the one-subcarrier and two-subcarrier response formats. These
formats are selected by the VCD using the first bit in the protocol header. When one
subcarrier is used, the frequency fS1 of the subcarrier load modulation is 423.75 kHz (fC/32).
When two subcarriers are used, the frequency fS1 is 423.75 kHz (fC/32), and frequency fS2
is 484.28 kHz (fC/28). When using the two-subcarrier mode, the LRIS2K generates a
continuous phase relationship between fS1 and fS2.
6.3
Data rates
The LRIS2K can respond using the low or the high data rate format. The selection of the
data rate is made by the VCD using the second bit in the protocol header. It also supports
the x2 mode available on all the Fast commands. Table 10 shows the different data rates
produced by the LRIS2K using the different response format combinations.
Table 10.
Response data rates
Data rate
One subcarrier
Two subcarriers
Low
Standard commands
6.62 Kbits/s (fc/2048)
6.67 Kbits/s (fc/2032)
Fast commands
13.24 Kbits/s (fc/1024)
not applicable
High
Standard commands
26.48 Kbits/s (fc/512)
26.69 Kbits/s (fc/508)
Fast commands
52.97 Kbits/s (fc/256)
not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com