Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 15 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LRIS2K_11 Datasheet HTML 11Page - STMicroelectronics LRIS2K_11 Datasheet HTML 12Page - STMicroelectronics LRIS2K_11 Datasheet HTML 13Page - STMicroelectronics LRIS2K_11 Datasheet HTML 14Page - STMicroelectronics LRIS2K_11 Datasheet HTML 15Page - STMicroelectronics LRIS2K_11 Datasheet HTML 16Page - STMicroelectronics LRIS2K_11 Datasheet HTML 17Page - STMicroelectronics LRIS2K_11 Datasheet HTML 18Page - STMicroelectronics LRIS2K_11 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
LRIS2K
LRIS2K block security
Doc ID 13888 Rev 9
15/98
2
LRIS2K block security
The LRIS2K provides a special protection mechanism based on passwords. Each memory
block of the LRIS2K can be individually protected by one out of three available passwords,
and each block can also have Read/Write access conditions set.
Each memory block of the LRIS2K is assigned with a Protect Status area including a Block
Lock bit, two Password Control bits and two Read/Write protection bits as shown in Table 4.
Table 4 describes the organization of the Protect status area which can be read using the
Read Single Block command with the Option_flag set to ‘1’, and the Get Multiple Block
Security status command.
When the Block Lock bit is set to ‘1’, for instance by issuing a Block Lock command, the 2
Read/Write protection bits (b1, b2) are used to set the Read/Write access of the block as
described in Table 5.
The next 2 bits of the Protect Status area (b3, b4) are the Password Control bits. The value
of these two bits is used to link a password to the block as defined in Table 5.
Combinations not described in Table 5 are reserved.
Table 3.
Memory blocks with protect status area
Add
0
7 8
15 16
23
24
31
Protect status
0
User area
5 bits
1
User area
5 bits
...
User area
5 bits
Table 4.
Protect status area organization
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
Password Control bits
Read / Write protection
bits
Block Lock
Table 5.
Read / Write protection bit setting and block protection status
Block lock
function
Password
Control bits
Block access when
password presented
Block access when
password not presented
Block protection status
b0
b2, b1
b4, b3
0
00
00
Not applicable
READ
WRITE
the block is not protected
1
11
01
READ
NO WRITE
NO READ
NO WRITE
the block is protected by
password 1
1
11
10
READ
NO WRITE
NO READ
NO WRITE
the block is protected by
password 2
1
11
11
READ
NO WRITE
NO READ
NO WRITE
the block is protected by
password 3
1
00
00
Not applicable
READ
NO WRITE
the block is not protected
by a password



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com