Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 12 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LRIS2K_11 Datasheet HTML 8Page - STMicroelectronics LRIS2K_11 Datasheet HTML 9Page - STMicroelectronics LRIS2K_11 Datasheet HTML 10Page - STMicroelectronics LRIS2K_11 Datasheet HTML 11Page - STMicroelectronics LRIS2K_11 Datasheet HTML 12Page - STMicroelectronics LRIS2K_11 Datasheet HTML 13Page - STMicroelectronics LRIS2K_11 Datasheet HTML 14Page - STMicroelectronics LRIS2K_11 Datasheet HTML 15Page - STMicroelectronics LRIS2K_11 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
Description
LRIS2K
12/98
Doc ID 13888 Rev 9
1.1
Memory mapping
The LRIS2K is divided into 64 blocks of 32 bits as shown in Table 2. Each block can be
individually read- and/or write-protected using a specific lock or password command.
The user area consists of blocks that are always accessible. Read and Write operations are
possible if the addressed block is not protected. During a Write, the 32 bits of the block are
replaced by the new 32-bit value.
The LRIS2K also has a 64-bit block that is used to store the 64-bit unique identifier (UID).
The UID is compliant with the ISO 15963 description, and its value is used during the
anticollision sequence (Inventory). This block is not accessible by the user and its value is
written by ST on the production line.
The LRIS2K also includes an AFI register in which the application family identifier is stored,
and a DSFID register in which the data storage family identifier used in the anticollision
algorithm is stored. The LRIS2K has four additional 32-bit blocks in which the Kill code and
the password codes are stored.
Table 2.
Memory map
Add
0
7
8
15 16
23
24
31
Protect status
0
User area
5 bits
1
User area
5 bits
2
User area
5 bits
3
User area
5 bits
4
User area
5 bits
5
User area
5 bits
6
User area
5 bits
7
User area
5 bits
8
User area
5 bits
...
...
...
60
User area
5 bits
61
User area
5 bits
62
User area
5 bits
63
User area
5 bits
UID 0
UID 1
UID 2
UID 3
UID 4
UID 5
UID 6
UID 7
AFI
DSFID
0(1)
1.
RFU bit (b8) of Request_flag set to 1.
Kill code
5 bits
1(1)
Password code 1
5 bits
2(1)
Password code 2
5 bits
3(1)
Password code 3
5 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com