Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 35Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 36Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 37Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 38Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 39Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
39 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
10.3 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code is executed. Measured on a typical sample at Tamb =25 C. Unless
noted otherwise, the system oscillator and PLL are running in both measurements.
The supply currents are shown for system clock frequencies of 12 MHz and 30 MHz.
Table 10.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in
mA
Notes
n/a
12 MHz
30 MHz
IRC
<tbd>
-
-
System oscillator running; PLL off; independent
of main clock frequency.
System oscillator
at 12 MHz
<tbd>
-
-
IRC running; PLL off; independent of main clock
frequency.
Watchdog
oscillator at
500 kHz/2
<tbd>
-
-
System oscillator running; PLL off; independent
of main clock frequency.
BOD
<tbd>
-
-
Independent of main clock frequency.
Main PLL
-
<tbd>
-
-
CLKOUT
-
<tbd>
<tbd>
Main clock divided by 4 in the CLKOUTDIV
register.
SCT
-
<tbd>
<tbd>
-
MRT
-
<tbd>
<tbd>
-
WKT
-
<tbd>
<tbd>
-
GPIO
-
<tbd>
<tbd>
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
Pin
interrupt/pattern
match
<tbd>
<tbd>
-
IOCON
-
<tbd>
<tbd>
-
I2C
-
<tbd>
<tbd>
-
ROM
-
<tbd>
<tbd>
-
SPI0
-
<tbd>
<tbd>
-
SPI1
-
<tbd>
<tbd>
-
USART0
-
<tbd>
<tbd>
-
USART1
-
<tbd>
<tbd>
-
USART2
-
<tbd>
<tbd>
-
WWDT
-
<tbd>
<tbd>
Main clock selected as clock source for the
WDT.
Comparator
-
<tbd>
<tbd>
-
CRC
-
<tbd>
<tbd>
-
SWM
-
<tbd>
<tbd>
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com