Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 49Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 50Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 51Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 52Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
49 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
11.8 USART interface
The maximum USART bit rate is 1.875 Mbit/s in asynchronous mode and 30 Mbit/s in
synchronous mode slave and master mode.
Remark: USART functions can be assigned to all digital pins. The characteristics are valid
for all digital pins except the open-drain pins PIO0_10 and PIO0_11.
Pin names SCK, MISO, and MOSI refer to pins for both SPI peripherals, SPI0 and SPI1.
Fig 29. SPI slave timing in SPI mode
6&. &32/ 
026,
0,62
7F\ FON
WFON +
WFON /
W'6
W'+
WY 4
'$7$ 9$/,'
'$7$ 9$/,'
WK 4
6&. &32/ 
'$7$ 9$/,'
'$7$ 9$/,'
026,
0,62
W'6
W'+
WY 4
'$7$ 9$/,'
'$7$ 9$/,'
WK 4
'$7$ 9$/,'
'$7$ 9$/,'
&3+$ 
&3+$ 
DDD
Table 19.
Dynamic characteristics: USART interface in synchronous master mode
Tamb = 40 C to 85 C; 1.8 V VDD 3.6 V; CL = <tbd> pF. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tcy(clk)
clock cycle time
on pins Ux_SCLK
-
<tbd>
-
s
output
tv(Q)
data output valid time
on pin Ux_TXD
-
<tbd>
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com