Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 4Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 5Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 6Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 7Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
8 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
Pin state at reset for default function: I = Input; AI = Analog Input; O = Output; PU = internal pull-up enabled (pins pulled up to full VDD
level ); IA = inactive, no pull-up/down enabled.
[2]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis; includes
high-current output driver.
[3]
True open-drain pin. I2C-bus pins compliant with the I2C-bus specification for I2C standard mode, I2C Fast-mode, and I2C Fast-mode
Plus. Do not use this pad for high-speed applications such as SPI or USART.
PIO0_4/WAKEUP/
TRST
54
2
[6] I/O
I; PU
PIO0_4 — General purpose digital input/output pin.
In ISP mode, this is the USART0 transmit pin U0_TXD.
In boundary scan mode: TRST (Test Reset).
This pin triggers a wake-up from Deep power-down mode. If you
need to wake up from Deep power-down mode via an external
pin, do not assign any movable function to this pin. Pull this pin
HIGH externally to enter Deep power-down mode. Pull this pin
LOW to exit Deep power-down mode. A LOW-going pulse as
short as 50 ns wakes up the part.
RESET/PIO0_5
4
3
1
[4] I/O
I; PU
RESET — External reset input: A LOW-going pulse as short as
50 ns on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor
execution to begin at address 0.
I-
PIO0_5 — General purpose digital input/output pin.
PIO0_6/VDDCMP
18
15
-
[9] I/O
I; PU
PIO0_6 — General purpose digital input/output pin.
AI
-
VDDCMP — Alternate reference voltage for the analog
comparator.
PIO0_7
17
14
-
[2] I/O
I; PU
PIO0_7 — General purpose digital input/output pin.
PIO0_8/XTALIN
14
11
-
[8] I/O
I; PU
PIO0_8 — General purpose digital input/output pin.
I-
XTALIN — Input to the oscillator circuit and internal clock
generator circuits. Input voltage must not exceed 1.95 V.
PIO0_9/XTALOUT
13
10
-
[8] I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
O-
XTALOUT — Output from the oscillator circuit.
PIO0_10
9
8
-
[3] IIA
PIO0_10 — General purpose digital input/output pin. Assign I2C
functions to this pin when true open-drain pins are needed for a
signal compliant with the full I2C specification.
PIO0_11
8
7
-
[3] IIA
PIO0_11 — General purpose digital input/output pin. Assign I2C
functions to this pin when true open-drain pins are needed for a
signal compliant with the full I2C specification.
PIO0_12
3
2
-
[2] I/O
I; PU
PIO0_12 — General purpose digital input/output pin.
PIO0_13
2
1
-
[2] I/O
I; PU
PIO0_13 — General purpose digital input/output pin.
PIO0_14
20
-
-
[7] I/O
I; PU
PIO0_14 — General purpose digital input/output pin.
PIO0_15
11
-
-
[7] I/O
I; PU
PIO0_15 — General purpose digital input/output pin.
PIO0_16
10
-
-
[7] I/O
I; PU
PIO0_16 — General purpose digital input/output pin.
PIO0_17
1
-
-
[7] I/O
I; PU
PIO0_17 — General purpose digital input/output pin.
VDD
15
12
6
-
-
3.3 V supply voltage.
VSS
16
13
7
-
Ground.
Table 3.
Pin description table (fixed pins)
Symbol
Type Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com