Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 13Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
12 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
Up to eight pins, regardless of the selected function, can be programmed to generate an
interrupt on a level, a rising or falling edge, or both. The interrupt generating pins can be
selected from all digital or mixed digital/analog pins. The pin interrupt/pattern match block
controls the edge or level detection mechanism.
7.6 System tick timer
The ARM Cortex-M0+ includes a 24-bit system tick timer (SysTick) that is intended to
generate a dedicated SysTick exception at a fixed time interval (typically 10 ms).
7.7 Memory map
The LPC81xM incorporates several distinct memory regions. Figure 6 shows the overall
map of the entire address space from the user program viewpoint following reset. The
interrupt vector area supports address remapping.
The ARM private peripheral bus includes the ARM core registers for controlling the NVIC,
the system tick timer (SysTick), and the reduced power modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com