Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 13Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 16Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
13 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
7.8 I/O configuration
The IOCON block controls the configuration of the I/O pins. Each digital or mixed
digital/analog pin with the PIO0_n designator (except the true open-drain pins PIO0_10
and PIO0_11) in Table 3 can be configured as follows:
• Enable or disable the weak internal pull-up and pull-down resistors.
• Select a pseudo open-drain mode. The input cannot be pulled up above VDD.
Fig 6.
LPC81xM Memory map
$3%SHULSKHUDOV
[
[
[&
[
[
[
[
[
[&
[
[
[
[&
[
[
[&
[
[
[
[
[&
[
[
::'7
057
VHOIZDNHXSWLPHU
308
UHVHUYHG
DQDORJFRPSDUDWRU
[&
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
[
[















UHVHUYHG
UHVHUYHG
[
*%
*%
*%
*%
[
[)))
[)))
[
[
[
[))))))))
UHVHUYHG
UHVHUYHG
UHVHUYHG
[
[
$3%SHULSKHUDOV
[
[$
[$
&5&
6&7
*3,2
[$
SLQLQWHUUXSWVSDWWHUQPDWFK
[
N%65$0 /3&
[
N%65$0 /3&
[
N%65$0 /3&
[
[
N%07%
/3&[0
[
[
[
N%RQFKLSIODVK /3&
N%RQFKLSIODVK /3&
N%RQFKLSIODVK /3&
N%ERRW520
[
[&
DFWLYHLQWHUUXSWYHFWRUV
DDD
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
IODVKFRQWUROOHU
63,
VZLWFKPDWUL[
,2&21
6<6&21
[



63,
86$57
[
86$57
[&
86$57
[

[(
[(
SULYDWHSHULSKHUDOEXV
,&





UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG
UHVHUYHG







Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com