Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APY Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPS331APY
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPS331APY Datasheet HTML 6Page - STMicroelectronics LPS331APY Datasheet HTML 7Page - STMicroelectronics LPS331APY Datasheet HTML 8Page - STMicroelectronics LPS331APY Datasheet HTML 9Page - STMicroelectronics LPS331APY Datasheet HTML 10Page - STMicroelectronics LPS331APY Datasheet HTML 11Page - STMicroelectronics LPS331APY Datasheet HTML 12Page - STMicroelectronics LPS331APY Datasheet HTML 13Page - STMicroelectronics LPS331APY Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Digital interfaces
LPS331AP
10/36
Doc ID 022112 Rev 7
5
Digital interfaces
5.1
I2C serial interface
The registers embedded in the LPS331AP may be accessed through both the I2C and SPI
serial interfaces. The latter may be SW configured to operate either in 3-wire or 4-wire
interface mode.
The serial interfaces are mapped onto the same pads. To select/exploit the I2C interface, CS
line must be tied high (i.e. connected to Vdd_IO).
5.2
I2C serial interface
The LPS331AP I2C is a bus slave. The I2C is employed to write data into registers whose
content can also be read back.
The relevant I2C terminology is given in Table 8.
There are two signals associated with the I2C bus: the serial clock line (SCL) and the serial
data line (SDA). The latter is a bi-directional line used for sending and receiving the data
to/from the interface. Both lines have to be connected to Vdd_IO through pull-up resistors.
The I2C interface is compliant with fast mode (400 kHz) I2C standards as well as with the
normal mode.
Table 7.
Serial interface pin description
Pin name
Pin description
CS
SPI enable
I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
SCL/
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
SDA/
SDI/
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
SA0/
SDO
I2C less significant bit of the device address (SA0)
SPI serial data output (SDO)
Table 8.
Serial interface pin description
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com