Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APY Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS331APY
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APY Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS331APY Datasheet HTML 28Page - STMicroelectronics LPS331APY Datasheet HTML 29Page - STMicroelectronics LPS331APY Datasheet HTML 30Page - STMicroelectronics LPS331APY Datasheet HTML 31Page - STMicroelectronics LPS331APY Datasheet HTML 32Page - STMicroelectronics LPS331APY Datasheet HTML 33Page - STMicroelectronics LPS331APY Datasheet HTML 34Page - STMicroelectronics LPS331APY Datasheet HTML 35Page - STMicroelectronics LPS331APY Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
LPS331AP
Revision history
Doc ID 022112 Rev 7
35/36
9
Revision history
Table 21.
Document revision history
Date
Revision
Changes
12-Aug-2011
1
Initial release.
16-Aug-2011
2
– Updated order code in Table 1: Device summary
– Minor formatting and text modifications throughout the document
20-Oct-2011
3
– Updated: features list, Table 3, Table 6, Section 4 and Section 7.
– Added: Table 17, Figure 12 and Figure 13.
15-Dec-2011
4
– Modified: minor text updates in the Features section, Table 3,
Table 4, Table 5, Section 3.1: Sensing element and Figure 11.
13-Jan-2012
5
Modified:
– Temperature range in Table 1 from “-20 to +105” to “-40 to +85”.
– Temperature output data in register TEMP_OUT_H (2Ch) from
“42.5” to “22.5”.
– PaccT test condition data in Table 3 from “P = 260 to 1260 mbar”
to “P = 800 to 1100 mbar”
– Device operating range in Description on page 1 from “
-20 °C to
+105 °C” to “-40 °C to +85 °C”
27-Feb-2012
6
Document status promoted from preliminary data to datasheet.
Modified:
– Temperature output data in register TEMP_OUT_H (2Ch) from
“22.5” to “42.5”
– Added register address in register DELTA_PRESS_XL (3Ch) and
modified register address in DELTA_PRESS_L from “3Dh” to
“3Eh”.
29-Mar-2012
7
Modified the description for pin 14 inTable 2 and the list of
applications in the cover page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com