Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APY Datasheet(PDF) 22 Page - STMicroelectronics

Part # LPS331APY
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APY Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LPS331APY Datasheet HTML 18Page - STMicroelectronics LPS331APY Datasheet HTML 19Page - STMicroelectronics LPS331APY Datasheet HTML 20Page - STMicroelectronics LPS331APY Datasheet HTML 21Page - STMicroelectronics LPS331APY Datasheet HTML 22Page - STMicroelectronics LPS331APY Datasheet HTML 23Page - STMicroelectronics LPS331APY Datasheet HTML 24Page - STMicroelectronics LPS331APY Datasheet HTML 25Page - STMicroelectronics LPS331APY Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Register description
LPS331AP
22/36
Doc ID 022112 Rev 7
CTRL_REG2
Control register 2
Address:
21h
Type:
R/W
Description:
Control register.
BOOT bit is used to refresh the content of the internal registers stored in the Flash memory
block. At the device power-up the content of the Flash memory block is transferred to the
internal registers related to trimming functions to permit a good behavior of the device itself.
If for any reason, the content of the trimming registers is modified, it is sufficient to use this
bit to restore the correct values. When BOOT bit is set to ‘1’ the content of the internal Flash
is copied inside the corresponding internal registers and is used to calibrate the device.
These values are factory trimmed and they are different for every device. They permit good
behavior of the device and normally they should not be changed. At the end of the boot
process the BOOT bit is set again to ‘0’.
BOOT bit takes effect after one ODR clock cycle.
SWRESET is the software reset bit. The device is reset to the power on configuration if the
SWRESET bit is set to ‘1’ and BOOT is set to ‘1’.
AUTO_ZERO, when set to ‘1’, the actual pressure output is copied in the REF_P_H &
REF_P_L & REF_P_XL and kept as reference and the PRESS_OUT_H & PRESS_OUT_L
& PRESS _OUT_XL is the difference between this reference and the pressure sensor value.
ONE_SHOT bit is used to start a new conversion when ODR1-ODR0 bits in CTRL_REG1
are set to “000”. In this situation a single acquisition of temperature and pressure is started
when ONE_SHOT bit is set to ‘1’. At the end of conversion the new data are available in the
output registers, the STAUS_REG[0] and STAUS_REG[1] bits are set to ‘1’ and the
ONE_SHOT bit comes back to ‘0’ by hardware.
76
543
210
BOOT
RESERVED
SWRESET
AUTO_ZERO
ONE_SHOT
[7] BOOT: Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
[6:3] RESERVED
[2] Software reset. Default value: 0
(0: normal mode; 1: software reset)
[1] Autozero enable. Default value: 0
(0: normal mode; 1: autozero enable)
[0] One shot enable. Default value: 0
(0: waiting for start of conversion; 1: start for a new dataset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com