Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APY Datasheet(PDF) 18 Page - STMicroelectronics

Part # LPS331APY
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APY Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LPS331APY Datasheet HTML 14Page - STMicroelectronics LPS331APY Datasheet HTML 15Page - STMicroelectronics LPS331APY Datasheet HTML 16Page - STMicroelectronics LPS331APY Datasheet HTML 17Page - STMicroelectronics LPS331APY Datasheet HTML 18Page - STMicroelectronics LPS331APY Datasheet HTML 19Page - STMicroelectronics LPS331APY Datasheet HTML 20Page - STMicroelectronics LPS331APY Datasheet HTML 21Page - STMicroelectronics LPS331APY Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Register description
LPS331AP
18/36
Doc ID 022112 Rev 7
REF_P_H
Reference pressure (MSB data)
Address:
0Ah
Type:
R/W
Reset:
00h
Description:
This register contains the higher part of the reference pressure that is sum to the
sensor output pressure.
The full value is REF_P_XL & REF_P_H & REF_P_L and is represented as 2’s
complement.
RES_CONF(10h)
Pressure resolution mode
Address:
10h
Type:
R/W
Reset:
7Ah
Description:
AVGP3-AVGP0 allow to select the pressure internal average. AVGT2-AVGT0 allow to
select the temperature internal average.
AVGP3-AVGP0 bits can be configured as described in Table 15.
AVGT2-AVGT0 bits can be configured as described in Table 16.
24
23
22
21
20
19
18
17
REFL23
REFL22
REFL21
REFL20
REFL19
REFL18
REFL17
REFL16
[24:17] REFL23 - REFL16: Reference pressure MSB data. Default value: 00h.
765
432
10
RFU
AVGT2
AVGT1
AVGT0
AVGP3
AVGP2
AVGP1
AVGP0
Table 15.
Pressure resolution configuration
AVGP3
AVGP2
AVGP1
AVGP0
Nr. internal average
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com