Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APY Datasheet(PDF) 16 Page - STMicroelectronics

Part # LPS331APY
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APY Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LPS331APY Datasheet HTML 12Page - STMicroelectronics LPS331APY Datasheet HTML 13Page - STMicroelectronics LPS331APY Datasheet HTML 14Page - STMicroelectronics LPS331APY Datasheet HTML 15Page - STMicroelectronics LPS331APY Datasheet HTML 16Page - STMicroelectronics LPS331APY Datasheet HTML 17Page - STMicroelectronics LPS331APY Datasheet HTML 18Page - STMicroelectronics LPS331APY Datasheet HTML 19Page - STMicroelectronics LPS331APY Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Register mapping
LPS331AP
16/36
Doc ID 022112 Rev 7
6
Register mapping
Table 14 provides a list of the 8-bit registers embedded in the device and the related
addresses.
.
Registers marked as Reserved must not be changed. The writing to those registers may
cause permanent damages to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered-up.
Table 14.
Registers address map
Name
Type
Register Address
Default
Function and
comment
Hex
Binary
Reserved (Do not modify)
00-07
0D - 0E
Reserved
REF_P_XL
R/W
08
0001000
00000000
REF_P_L
R/W
09
0001001
00000000
REF_P_H
R/W
0A
0001010
00000000
WHO_AM_I
R
0F
0001111
10111011
Dummy register
RES_CONF
R/W
10
0010000
011111010
Reserved (Do not modify)
11-1F
Reserved
CTRL_REG1
R/W
20
010 0000
00000000
CTRL_REG2
R/W
21
010 0001
00000000
CTRL_REG3
R/W
22
010 0010
00000000
INT_CFG_REG
R/W
23
0100011
00000000
INT_SOURCE_REG
R
24
0100100
00000000
THS_P_LOW_REG
R/W
25
0100101
0000000
THS_P_HIGH_REG
R/W
26
0100110
0000000
STATUS_REG
R
27
010 0111
00000000
PRESS_POUT_XL_REH
R
28
010 1000
output
PRESS_OUT_L
R
29
010 1001
output
PRESS_OUT_H
R
2A
010 1010
output
TEMP_OUT_L
R
2B
010 1011
output
TEMP_OUT_H
R
2C
010 1100
output
Reserved (Do not modify)
2D-2F
Reserved
AMP_CTRL
R/W
30
011 0000
Partially reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com