Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 17Page - STMicroelectronics LPS331APTR Datasheet HTML 18Page - STMicroelectronics LPS331APTR Datasheet HTML 19Page - STMicroelectronics LPS331APTR Datasheet HTML 20Page - STMicroelectronics LPS331APTR Datasheet HTML 21Page - STMicroelectronics LPS331APTR Datasheet HTML 22Page - STMicroelectronics LPS331APTR Datasheet HTML 23Page - STMicroelectronics LPS331APTR Datasheet HTML 24Page - STMicroelectronics LPS331APTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LPS331AP
Register description
Doc ID 022112 Rev 7
21/36
DIFF_EN bit is used to enable the circuitry for the computing of differential pressure output.
In default mode (DIF_EN=’0’) the circuitry is turned off. It is suggested to turn on the circuitry
only after the configuration of REF_P_x and THS_P_x.
BDU bit is used to inhibit the output registers update between the reading of upper and
lower register parts. In default mode (BDU = ‘0’), the lower and upper register parts are
updated continuously. If it is not sure to read faster than output data rate, it is recommended
to set BDU bit to ‘1’. In this way, after the reading of the lower (upper) register part, the
content of that output registers is not updated until the upper (lower) part is read too.
This feature avoids reading LSB and MSB related to different samples.
SIM bit selects the SPI serial interface mode. When SIM is ‘0’ (default value) the 4-wire
interface mode is selected and data coming from the device are sent to pin #7 (SDO).
In 3-wire interface mode, output data are sent to pin #6 (SDI/SDO).
Table 18.
Output data rate bit configurations
ODR2
ODR1
ODR0
Pressure output data rate
Temperature output data
rate
0
0
0
One shot
One shot
001
1 Hz
1 Hz
010
7 Hz
1 Hz
011
12.5 Hz
1 Hz
100
25 Hz
1 Hz
101
7 Hz
7 Hz
1
1
0
12.5 Hz
12.5 Hz
1
1
1
25 Hz
25 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com