Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 20Page - STMicroelectronics LPS331APTR Datasheet HTML 21Page - STMicroelectronics LPS331APTR Datasheet HTML 22Page - STMicroelectronics LPS331APTR Datasheet HTML 23Page - STMicroelectronics LPS331APTR Datasheet HTML 24Page - STMicroelectronics LPS331APTR Datasheet HTML 25Page - STMicroelectronics LPS331APTR Datasheet HTML 26Page - STMicroelectronics LPS331APTR Datasheet HTML 27Page - STMicroelectronics LPS331APTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Register description
LPS331AP
24/36
Doc ID 022112 Rev 7
Figure 10.
Interrupt generation block and output pressure data.
INTERRUPT_CFG
Interrupt configuration
Address:
23h
Type:
R/W
Reset:
00h
Description:
Interrupt configuration.
76
543
210
RESERVED
LIR
PL_E
PH_E
AM08738V1
High press int
Low press int
Press Threshold
Reference Press
Press Threshold
Positive
Negative
Sensor output pressure
PRESS_OUT_H & PRESS_OUT_L & PRESS_OUT_XL
Reference Pressure
REF_P_H & REF_P_L & REF_P_XL
+
-
Pressure Threshold
THS_P_H & THS_P_L
-
+
-
+
-1
Low Press Interrupt
PL
High Press Interrupt
PH
[7:3] RESERVED
[2] LIR: Latch Interrupt request into INT_SOURCE register. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
[1] PL_E: Enable interrupt generation on differential pressure low event. Default value: 0.
(0: disable interrupt request;
1: enable interrupt request on measured differential pressure value lower than preset threshold)
[0] PH_E: Enable interrupt generation on differential pressure high event. Default value: 0
(0: disable interrupt request;
1:enable interrupt request on measured differential pressure value higher than preset
threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com