Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 24Page - STMicroelectronics LPS331APTR Datasheet HTML 25Page - STMicroelectronics LPS331APTR Datasheet HTML 26Page - STMicroelectronics LPS331APTR Datasheet HTML 27Page - STMicroelectronics LPS331APTR Datasheet HTML 28Page - STMicroelectronics LPS331APTR Datasheet HTML 29Page - STMicroelectronics LPS331APTR Datasheet HTML 30Page - STMicroelectronics LPS331APTR Datasheet HTML 31Page - STMicroelectronics LPS331APTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Register description
LPS331AP
28/36
Doc ID 022112 Rev 7
PRESS_OUT_H (2Ah)
Pressure data (MSB)
Address:
2Ah
Type:
R
Reset:
2F
Description:
Pressure data are expressed as PRESS_OUT_H & PRESS_OUT_L &
PRESS_OUT_XL in 2’s complement. Values exceeding the operating pressure
Range (see Table 3) are clipped.
Pressure output data: Pout(mbar)=(PRESS_OUT_H & PRESS_OUT_L &
PRESS_OUT_XL)[dec]/4096
24
23
22
21
20
19
18
17
POUT23
POUT22
POUT21
POUT20
POUT19
POUT18
POUT17
POUT16
[24:17] POUT23 - POUT16: Pressure data MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com