Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 22Page - STMicroelectronics LPS331APTR Datasheet HTML 23Page - STMicroelectronics LPS331APTR Datasheet HTML 24Page - STMicroelectronics LPS331APTR Datasheet HTML 25Page - STMicroelectronics LPS331APTR Datasheet HTML 26Page - STMicroelectronics LPS331APTR Datasheet HTML 27Page - STMicroelectronics LPS331APTR Datasheet HTML 28Page - STMicroelectronics LPS331APTR Datasheet HTML 29Page - STMicroelectronics LPS331APTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Register description
LPS331AP
26/36
Doc ID 022112 Rev 7
THS_P_H
Threshold pressure (MSB)
Address:
26h
Type:
R/W
Reset:
00h
Description:
This register contains the high part of the threshold value for pressure interrupt
generation.
The complete threshold value is given by THS_P_H & THS_P_L and is expressed as
unsigned number. P_ths(mbar)=(THS_P_H & THS_P_L)[dec]/16.
STATUS_REG
Status register
Address:
27h
Type:
R
Reset:
00h
Description:
The content of this register is updated every ODR cycle, regardless of BDU value in
CTRL_REG1.
P_DA is set to 1 whenever a new pressure sample is available. P_DA is cleared
anytime PRESS_OUT_H (29h) register is read.
T_DA is set to 1 whenever a new temperature sample is available. T_DA is cleared
anytime TEMP_OUT_H (2Bh) register is read.
P_OR bit is set to '1' whenever new pressure data is available and P_DA was set in
the previous ODR cycle and not cleared. P_OR is cleared anytime PRESS_OUT_H
(29h) register is read.
T_OR is set to ‘1’ whenever new temperature data is available and T_DA was set in
the previous ODR cycle and not cleared. T_OR is cleared anytime TEMP_OUT_H
(2Bh) register is read.
15
14
13
12
11
10
9
8
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8
[15:8] THS7 - THS0: Threshold pressure MSB. Default value: 00h.
76
543
210
0
0
P_OR
T_OR
0
0
P_DA
T_DA
[7:6] 0
[5] P_OR: Pressure data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for pressure has overwritten the previous one)
[4] T_OR: Temperature data overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for temperature has overwritten the previous one)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com