Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331APTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 19Page - STMicroelectronics LPS331APTR Datasheet HTML 20Page - STMicroelectronics LPS331APTR Datasheet HTML 21Page - STMicroelectronics LPS331APTR Datasheet HTML 22Page - STMicroelectronics LPS331APTR Datasheet HTML 23Page - STMicroelectronics LPS331APTR Datasheet HTML 24Page - STMicroelectronics LPS331APTR Datasheet HTML 25Page - STMicroelectronics LPS331APTR Datasheet HTML 26Page - STMicroelectronics LPS331APTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LPS331AP
Register description
Doc ID 022112 Rev 7
23/36
CTRL_REG3
Interrupt control
Address:
22h
Type:
R/W
Description:
Control register.
The device features two fully-programmable interrupt sources (INT1 and INT2) which may
be configured to trigger different pressure events. Figure 10 shows the block diagram of the
interrupt generation block and output pressure data.
The device may also be configured to generate, through interrupt pins, a Data Ready signal
(Drdy) which indicates when a new measured pressure data is available, thus simplifying
data synchronization in digital systems.
76
543
210
INT_H_L
PP_OD
INT2_S3
INT2_S2
INT2_S1
INT1_S3
INT1_S2
INT1S1
[7] INT_H_L: Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
[6] PP_OD: Push-pull/open drain selection on interrupt pads. Default value: 0
(0: push-pull; 1: open drain)
[5:3] INT2_S3, INT2_S2, INT2_S1: data signal on INT2 pad control bits. Default value: 00
(see Table 19.)
[2:0 INT1_S3, INT1_S2, INT1_S1: data signal on INT1 pad control bits. Default value: 00
(see Table 19.)
Table 19.
Interrupt configurations
INT1(2)_S3
INT1(2)_S2
INT1(2)S1
INT1(2) pin
000
GND
0
0
1
Pressure high (P_high)
0
1
0
Pressure low (P_low)
011
P_low OR P_high
100
Data ready
101
Reserved
110
Reserved
111
Tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com