Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8533 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
16
I
2C CONTROL MODE
In I
2C mode, the WM8533 is a slave device on the control interface; SCLK is a clock input, while SDA
is a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the
same interface, the WM8533 transmits logic 1 by tri-stating the SDA pin, rather than pulling it high.
An external pull-up resistor is required to pull the SDA line high so that the logic 1 can be recognised
by the master.
In order to allow many devices to share a single I
2C control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the 8-bit address of each register in the WM8533).
The device ID is determined by the logic level on the CS
¯¯ pin as shown in Table 7. The LSB of the
device ID is the R/W
¯¯ bit; this bit is set to logic 1 for “Read” and logic 0 for “Write”.
CS
¯¯
DEVICE ID
0
0011 0100 (34h)
1
0011 0110 (36h)
Table 7 Control Interface Device ID Selection
The WM8533 operates as an I
2C slave device only. The controller indicates the start of data transfer
with a high to low transition on SDA while SCLK remains high. This indicates that a device ID,
register address and data will follow. The WM8533 responds to the start condition and shift in the
next eight bits on SDA (8-bit device ID, including Read/Write bit, MSB first). If the device ID received
matches the device address of the WM8533, then the WM8533 responds by pulling SDA low on the
next clock pulse (ACK). If the device ID is not recognised or the R/W
¯¯ bit is set incorrectly, the
WM8533 returns to the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM8533, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA while
SCLK remains high. After receiving a complete address and data sequence the WM8533 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns
to the idle condition.
The WM8533 supports the following read and write operations:
Single write
Single read
The sequence of signals associated with a single register write operation is illustrated in Figure 8.
Figure 8 Control Interface I
2C Register Write
The sequence of signals associated with a single register read operation is illustrated in Figure 9.
Figure 9 Control Interface I
2C Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com