Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8533 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
18
REGISTER RESET
Any write to register R0 (00h) will reset the WM8533. All register bits are reset to their default values.
CHIP ID AND REVISION
Reading from register R0 (00h) returns the Chip ID. Reading from register R1 returns the Chip
revision number.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
DEVICE_ID
15:0
CHIP_ID
[15:0]
8523h
Chip ID
Writing to this register resets all registers to
their default state.
Reading from this register will indicate the
Chip ID 8523h.
R1 (01h)
REVISION
2:0
CHIP_REV
[2:0]
001
Chip Revision
Indicates the Chip Revision number
Table 8 Chip ID and Revision Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com