Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8533 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
28
DIGITAL MONOMIX CONTROL
The DAC can be set to output a range of mono and stereo options using DAC_OP_MUX [1:0].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
AIF_CTRL2
7:6
DAC_OP_
MUX [1:0]
00
DAC Digital Monomix
00 = Stereo (Normal Operation)
01 = Mono (Left data to DACR)
10 = Mono (Right data to DACL)
11 = Digital Monomix, (L+R)/2
Table 19 Digital Monomix Control
DE-EMPHASIS
A digital de-emphasis filter may be applied to the DAC output when the sampling frequency is
44.1kHz. Operation at 48kHz and 32kHz is also possible, but with an increase in the error from the
ideal response. Details of the de-emphasis filter characteristic for 32kHz, 44.1kHz and 48kHz can be
seen in Figure 29 to Figure 34.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
AIF_CTRL1
8
DAC_DEE
MP
0
DAC De-emphasis
0 = No de-emphasis
1 = Apply de-emphasis
Table 20 De-emphasis Control
HARDWARE CONTROL INTERFACE
The WM8533 can be controlled in hardware mode or in software modes. In hardware mode, the
device is configured according to logic levels applied to hardware pins.
Hardware control mode is selected by leaving CIFMODE pin open-circuit (high-impedance). When
hardware mode is selected, the associated multi-function control pins are defined as described in
Table 21.
PIN NAME
DESCRIPTION
AIFMODE0 /
AIFMODE1
AIFMODE1
0
0
1
1
AIFMODE0
0
1
0
1
FORMAT
24-bit Left Justified
24-bit I
2S
16-bit Right Justified
24-bit Right Justified
MUTE
¯¯¯¯¯
Mute Control
0 = Mute
1 = Normal operation
CIFMODE
Control Interface Mode
0 = I
2C Mode
1 = SPI Mode
Z = Hardware Mode
Table 21 Hardware Control Pin Configuration
MUTE
In hardware mode, the MUTE
¯¯¯¯¯ pin controls the DAC mute to both left and right channels. When the
mute is asserted a softmute is applied to ramp the signal down, with the ramp rate related to the
sample rate as defined in Table 15 on page 26. When the mute is de-asserted the DAC output
returns to normal in one step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com