Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8533 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
24
DAC FEATURES
SYSTEM ENABLE
The WM8533 includes a number of enable and disable mechanisms to allow the device to be
powered on and off in a pop-free manner. The SYS_ENA [1:0] control bits enable the DAC and
analogue paths.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
PSCTRL1
1:0
SYS_ENA
[1:0]
00
System Power Control
00 = Off
01 = Power down
10 = Power up (Digital Soft Mute)
11 = Power up (un-muted)
Table 12 System Enable Control
Note: MCLK must be present at all times when using the SYS_ENA [1:0] bits. If MCLK is stopped at
any point the device will power down to the ‘off’ state, but all register settings will remain. Restarting
MCLK will start the device internal power sequence and the device will return to the power state set
by the SYS_ENA [1:0] bits.
The power up and power down sequences are summarised in Figure 22. There is no requirement to
manually cycle the device through the sequence via register writes, as the device will always
automatically step through each stage in the sequence.
Power Up
When SYS_ENA [1:0]=00, the internal clocks are stopped and all analogue and digital blocks are
disabled for maximum power saving. The device starts up in this state in software mode. Setting
SYS_ENA [1:0]=01 enables the internal charge pump and required control circuitry, but the signal
path remains powered down. When SYS_ENA [1:0]=10 all blocks are powered up sequentially and
full system configuration is achieved. Once this is complete, the device is ready to pass audio but is
muted with a digital soft mute. Setting SYS_ENA [1:0]=11 releases the digital soft mute and audio
playback begins.
Power Down
When SYS_ENA [1:0]=11 the device is powered up and passing audio.
Changing SYS_ENA
[1:0]=10 applies a digital soft mute to the output, with attenuation of 100dB on the input signal.
Setting SYS_ENA [1:0]=01 sequentially powers down all circuit blocks but leaves the charge pump
and required control circuitry enabled. This state is equivalent to the Hardware Mode mute state, and
will give 120dB attenuation on the input signal. This can be considered the low-power standby state.
Finally, setting SYS_ENA [1:0]=00 will disable all circuit blocks including the charge pump, and full
system initialisation will be required to restart the device.
Figure 22 SYS_ENA [1:0] Power Up and Down Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com